| Electronic Components Datasheet Search |
|
LAN91C100FD Datasheet(PDF) 53 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LAN91C100FD Datasheet(HTML) 53 Page - SMSC Corporation |
|
53 / 67 page ![]() SMSC DS – LAN91C100FD REV. B Page 53 Rev. 01-20-06 EISA 32 BIT SLAVEEISA 32 bit slave On EISA the LAN91C100FD is accessed as a 32 bit I/O slave, along with a Slave DMA type "C" data path option. As an I/O slave, the LAN91C100FD uses asynchronous accesses. In creating nRD and nWR inputs, the timing information is externally derived from nCMD edges. Given that the access will be at least 1.5 to 2 clocks (more than 180ns at least) there is no need to negate EXRDY, simplifying the EISA interface implementation. As a DMA Slave, the LAN91C100FD accepts burst transfers and is able to sustain the peak rate of one doubleword every BCLK. Doubleword alignment is assumed for DMA transfers. Up to three extra bytes in the beginning and at the end of the transfer should be moved by the CPU using I/O accesses to the Data Register. The LAN91C100FD will sample EXRDY and postpone DMA cycles if the memory cycle solicits wait states. Table 5 - EISA 32 Bit Slave Signal Connections EISA BUS SIGNAL LAN91C100FD SIGNAL NOTES LA2-LA15 A2-A15 Address bus used for I/O space and register decoding, latched by nADS (nSTART) trailing edge. M/nIO AEN AEN Qualifies valid I/O decoding - enabled access when low. These signals are externally ORed. Internally the AEN pin is latched by nADS rising edge and transparent while nADS is low. Latched W-R combined with nCMD nRD I/O Read strobe - asynchronous read accesses. Address is valid before its leading edge. Must not be active during DMA bursts if DMA is supported. Latched W-R combined with nCMD nWR I/O Write strobe - asynchronous write access. Address is valid before leading edge . Data latched on trailing edge. Must not be active during DMA bursts if DMA is supported. nSTART nADS Address strobe is connected to EISA nSTART. RESDRV RESET nBE0 nBE1 nBE2 nBE3 nBE0 n BE1 nBE2 nBE3 Byte enables. Latched on nADS rising edge. IRQn INTR0-INTR3 Interrupts used as active high edge triggered D0-D31 D0-D31 32 bit data bus. The bus byte(s) used to access the device are a function of nBE0-nBE3: nBE0 nBE1 nBE2 nBE3 0 0 0 0 Double word access 0 0 1 1 Low word access 1 1 0 0 High word access 0 1 1 1 Byte 0 access 1 0 1 1 Byte 1 access 1 1 0 1 Byte 2 access 1 1 1 0 Byte 3 access Not used = tri-state on reads, ignored on writes. Note that nBE2 and nBE3 override the value of A1, which is tied low in this application. Other combinations of nBE are not supported by the LAN91C100FD. Software drivers are not anticipated to generate them. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |