Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EH-S110KRTBTG-R Datasheet(PDF) 1 Page - EHAOAN.

Part # EH-S110KRTBTG-R
Description  Dimension( L/W/H) : 3.2 x1.0 x 1.5 mm
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EHAOAN [EHAOAN.]
Direct Link  http://www.ehaoan.com/
Logo EHAOAN - EHAOAN.

EH-S110KRTBTG-R Datasheet(HTML) 1 Page - EHAOAN.

  EH-S110KRTBTG-R Datasheet HTML 1Page - EHAOAN. EH-S110KRTBTG-R Datasheet HTML 2Page - EHAOAN. EH-S110KRTBTG-R Datasheet HTML 3Page - EHAOAN. EH-S110KRTBTG-R Datasheet HTML 4Page - EHAOAN. EH-S110KRTBTG-R Datasheet HTML 5Page - EHAOAN. EH-S110KRTBTG-R Datasheet HTML 6Page - EHAOAN. EH-S110KRTBTG-R Datasheet HTML 7Page - EHAOAN.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DATA SHEET
SMD LED
EH-S110KRTBTG-R
1
EHAOAN Electronics Co., Ltd.
Dev.2013010609
EH-S110KRTBTG-R
Features
·Dimension( L/W/H) : 3.2 x1.0 x 1.5 mm
·Material: AlGaInp
·Emitting Color: RGB
·Resin Color: Water Clear Flat Mold
·EIA STD Package
·High Luminous Intensity ,Low Power Dissipation
·Complied With ROHS Directive
Applications
·Backlighting in dashboard and switch.
·Telecommunication: indicator and backlighting in telephone and fax.
·Flat backlight for LCD, switch and symbol.
·General use.
Device Selection Guide
Chip Materials
Emitted Color
Resin Color
Manufacturer
Update date
AlGaInp
RGB
Water
EHAOAN
2015.08.17


Similar Part No. - EH-S110KRTBTG-R

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-S110KRTBTG EHAOAN-EH-S110KRTBTG Datasheet
1Mb / 9P
Dimension( L/W/H) : 3.2 x1.0 x 1.5 mm
More results

Similar Description - EH-S110KRTBTG-R

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-C151DS5 EHAOAN-EH-C151DS5 Datasheet
1Mb / 10P
Dimension( L/W/H) : 3.2 x 1.5 x 0.8 mm
EH-C151KGKT EHAOAN-EH-C151KGKT Datasheet
1Mb / 7P
Dimension( L/W/H) : 3.2 x 1.6 x 0.8 mm
EH-C150KRTGKS EHAOAN-EH-C150KRTGKS Datasheet
1Mb / 7P
Dimension( L/W/H) : 3.2 x2.7 x 0.9 mm
EH-C150KRTGTB EHAOAN-EH-C150KRTGTB Datasheet
1Mb / 7P
Dimension( L/W/H) : 3.2 x2.7 x 0.8 mm
EH-C290KRTBTG EHAOAN-EH-C290KRTBTG Datasheet
1Mb / 8P
Dimension( L/W/H) : 1.0 x1.0 x 0.4 mm
EH-S110DS5 EHAOAN-EH-S110DS5 Datasheet
1Mb / 11P
Dimension( L/W/H) :3.2 x 1.0 x 1.5 mm
EH-S110KRKTSIDE EHAOAN-EH-S110KRKTSIDE Datasheet
1Mb / 7P
Dimension( L/W/H) : 3.2 x 1.0 x 1.5 mm
EH-S110KRTBTG EHAOAN-EH-S110KRTBTG Datasheet
1Mb / 9P
Dimension( L/W/H) : 3.2 x1.0 x 1.5 mm
EH-S110TBKT-5A EHAOAN-EH-S110TBKT-5A Datasheet
1Mb / 7P
Dimension( L/W/H) : 3.2 x 1.0 x 1.5 mm
EH-S110TGKT-5A EHAOAN-EH-S110TGKT-5A Datasheet
1Mb / 8P
Dimension( L/W/H) : 3.2 x 1.0 x 1.5 mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com