Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EH-S110KRTBTG-R Datasheet(PDF) 2 Page - EHAOAN.

Part # EH-S110KRTBTG-R
Description  Dimension( L/W/H) : 3.2 x1.0 x 1.5 mm
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EHAOAN [EHAOAN.]
Direct Link  http://www.ehaoan.com/
Logo EHAOAN - EHAOAN.

EH-S110KRTBTG-R Datasheet(HTML) 2 Page - EHAOAN.

  EH-S110KRTBTG-R Datasheet HTML 1Page - EHAOAN. EH-S110KRTBTG-R Datasheet HTML 2Page - EHAOAN. EH-S110KRTBTG-R Datasheet HTML 3Page - EHAOAN. EH-S110KRTBTG-R Datasheet HTML 4Page - EHAOAN. EH-S110KRTBTG-R Datasheet HTML 5Page - EHAOAN. EH-S110KRTBTG-R Datasheet HTML 6Page - EHAOAN. EH-S110KRTBTG-R Datasheet HTML 7Page - EHAOAN.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DATA SHEET
SMD LED
EH-S110KRTBTG-R
2
EHAOAN Electronics Co., Ltd.
Dev.2013010609
Package Dimensions/尺寸參數
Note: Tolerances unless mentioned ±0.1mm. Unit = mm
註:除非另有說明,否則公差為±0.1 mm 單位=mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com