Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29PDL128G80PEE Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # AM29PDL128G80PEE
Description  128 Megabit (8 M x 16-Bit/4 M x 32-Bit) CMOS 3.0 Volt-only, Simultaneous Read/ Write Flash Memory with VersatileIOTM Control
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PDL128G80PEE Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button AM29PDL128G80PEE Datasheet HTML 11Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 12Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 13Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 14Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 15Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 16Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 17Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 18Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 71 page
background image
14
Am29PDL128G
October 28, 2004
P R E L IM IN A R Y
Table 5.
Sector Address Table (Sheet 1 of 7)
Bank
Sector
Sector Address
(A21-A11)
Sector Size
(Kwords/
Kdoublewords)
Address Range
(x16)
Address Range
(x32)
SA0
00000000000
4/2
00000h–00FFFh
000000h–0007FFh
SA1
00000000001
4/2
01000h–01FFFh
000800h–000FFFh
SA2
00000000010
4/2
02000h–02FFFh
001000h–0017FFh
SA3
00000000011
4/2
03000h–03FFFh
001800h–001FFFh
SA4
00000000100
4/2
04000h–04FFFh
002000h–0027FFh
SA5
00000000101
4/2
05000h–05FFFh
002800h–002FFFh
SA6
00000000110
4/2
06000h–06FFFh
003000h–0037FFh
SA7
00000000111
4/2
07000h–07FFFh
003800h–003FFFh
SA8
00000001XXX
32/16
08000h–0FFFFh
004000h–007FFFh
SA9
00000010XXX
32/16
10000h–17FFFh
008000h–00BFFFh
SA10
00000011XXX
32/16
18000h–1FFFFh
00C000h–00FFFFh
SA11
00000100XXX
32/16
20000h–27FFFh
010000h–013FFFh
SA12
00000101XXX
32/16
28000h–2FFFFh
014000h–017FFFh
SA13
00000110XXX
32/16
30000h–37FFFh
018000h–01BFFFh
SA14
00000111XXX
32/16
38000h–3FFFFh
01C000h–01FFFFh
SA15
00001000XXX
32/16
40000h–47FFFh
020000h–023FFFh
SA16
00001001XXX
32/16
48000h–4FFFFh
024000h–027FFFh
SA17
00001010XXX
32/16
50000h–57FFFh
028000h–02BFFFh
SA18
00001011XXX
32/16
58000h–5FFFFh
02C000h–02FFFFh
SA19
00001100XXX
32/16
60000h–67FFFh
030000h–033FFFh
SA20
00001101XXX
32/16
68000h–6FFFFh
034000h–037FFFh
SA21
00001110XXX
32/16
70000h–77FFFh
038000h–03BFFFh
SA22
00001111XXX
32/16
78000h–7FFFFh
03C000h–03FFFFh
SA23
00010000XXX
32/16
80000h–87FFFh
040000h–043FFFh
SA24
00010001XXX
32/16
88000h–8FFFFh
044000h–047FFFh
SA25
00010010XXX
32/16
90000h–97FFFh
048000h–04BFFFh
SA26
00010011XXX
32/16
98000h–9FFFFh
04C000h–04FFFFh
SA27
00010100XXX
32/16
A0000h–A7FFFh
050000h–053FFFh
SA28
00010101XXX
32/16
A8000h–AFFFFh
054000h–057FFFh
SA29
00010110XXX
32/16
B0000h–B7FFFh
058000h–05BFFFh
SA30
00010111XXX
32/16
B8000h–BFFFFh
05C000h–05FFFFh
SA31
00011000XXX
32/16
C0000h–C7FFFh
060000h–063FFFh
SA32
00011001XXX
32/16
C8000h–CFFFFh
064000h–067FFFh
SA33
00011010XXX
32/16
D0000h–D7FFFh
068000h–06BFFFh
SA34
00011011XXX
32/16
D8000h–DFFFFh
06C000h–06FFFFh
SA35
00011100XXX
32/16
E0000h–E7FFFh
070000h–073FFFh
SA36
00011101XXX
32/16
E8000h–EFFFFh
074000h–077FFFh
SA37
00011110XXX
32/16
F0000h–F7FFFh
078000h–07BFFFh
SA38
00011111XXX
32/16
F8000h–FFFFFh
07C000–07FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com