Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29PDL128G80PEE Datasheet(PDF) 28 Page - Advanced Micro Devices

Part # AM29PDL128G80PEE
Description  128 Megabit (8 M x 16-Bit/4 M x 32-Bit) CMOS 3.0 Volt-only, Simultaneous Read/ Write Flash Memory with VersatileIOTM Control
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PDL128G80PEE Datasheet(HTML) 28 Page - Advanced Micro Devices

Back Button AM29PDL128G80PEE Datasheet HTML 24Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 25Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 26Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 27Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 28Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 29Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 30Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 31Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 32Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 71 page
background image
October 28, 2004
Am29PDL128G
27
P R E L IM IN A R Y
1. It permanently sets the device to operate using the
Password Protection Mode. It is not possible to re-
verse this function.
2. It also disables
all further commands to the pass-
word region. All program, and read operations are
ignored.
Both of these objectives are important, and if not care-
fully considered, may lead to unrecoverable errors.
The user must be sure that the Password Protection
method is desired when setting the Password Mode
Locking Bit. More importantly, the user must be sure
that the password is correct when the Password Mode
Locking Bit is set. Due to the fact that read operations
are disabled, there is no means to verify what the
password is afterwards. If the password is lost after
setting the Password Mode Locking Bit, there is no
way to clear the PPB Lock bit.
The Password Mode Locking Bit, once set, prevents
reading the 64-bit password on the DQ bus and further
password programming. The Password Mode Locking
Bit is not erasable. Once Password Mode Locking Bit
is programmed, the Persistent Sector Protection Lock-
ing Bit is disabled from programming, guaranteeing
that no changes to the protection scheme are allowed.
64-bit Password
The 64-bit Password is located in its own memory
space and is accessible through the use of the Pass-
word Program and Verify commands (see “Password
Verify Command”). The password function works in
conjunction with the Password Mode Locking Bit,
which when set, prevents the Password Verify com-
mand from reading the contents of the password on
the pins of the device.
Write Protect (WP#)
The Write Protect feature provides a hardware method
of protecting sectors 0, 1, 268, and 269 without using
V
ID. This function is provided by the WP# pin and over-
rides the previously discussed Sector Protection/Un-
protection method.
If the system asserts V
IL on the WP# pin, the device
disables program and erase functions in sectors 0, 1,
268, and 269 independent of whether it was previously
protected or unprotected using “High Voltage Sector
Protection” on page 27.
If the system asserts VIH on the WP# pin, the device
reverts to whether sectors 0, 1, 268, and 269 were last
set to be protected or unprotected. That is, sector pro-
tection or unprotection for these sectors depends on
whether the sectors were previously protected or un-
protected using “High Voltage Sector Protection” on
page 27.
Persistent Protection Bit Lock
The Persistent Protection Bit (PPB) Lock is a volatile
bit that reflects the state of the Password Mode Lock-
ing Bit after power-up reset. If the Password Mode
Lock Bit is also set after a hardware reset (RESET#
asserted) or a power-up reset. The ONLY means for
clearing the PPB Lock Bit in Password Protection
Mode is to issue the Password Unlock command. Suc-
cessful execution of the Password Unlock command
clears the PPB Lock Bit, allowing for sector PPBs
modifications. Asserting RESET#, taking the device
through a power-on reset, or issuing the PPB Lock Bit
Set command sets the PPB Lock Bit to a “1” when the
Password Mode Lock Bit is not set.
If the Password Mode Locking Bit is not set, including
Persistent Protection Mode, the PPB Lock Bit is
cleared after power-up or hardware reset. The PPB
Lock Bit is set by issuing the PPB Lock Bit Set com-
mand. Once set the only means for clearing the PPB
Lock Bit is by issuing a hardware or power-up reset.
The Password Unlock command is ignored in Persis-
tent Protection Mode.
High Voltage Sector Protection
Sector protection and unprotection may also be imple-
mented using programming equipment. The proce-
dure requires high voltage (V
ID) to be placed on the
RESET# pin. Refer to Table 1 for details on this proce-
dure. Note: For sector unprotect, all unprotected sec-
tors must first be protected prior to the first sector write
cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com