Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29PDL128G80PEE Datasheet(PDF) 27 Page - Advanced Micro Devices

Part # AM29PDL128G80PEE
Description  128 Megabit (8 M x 16-Bit/4 M x 32-Bit) CMOS 3.0 Volt-only, Simultaneous Read/ Write Flash Memory with VersatileIOTM Control
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PDL128G80PEE Datasheet(HTML) 27 Page - Advanced Micro Devices

Back Button AM29PDL128G80PEE Datasheet HTML 23Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 24Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 25Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 26Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 27Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 28Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 29Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 30Page - Advanced Micro Devices AM29PDL128G80PEE Datasheet HTML 31Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 71 page
background image
26
Am29PDL128G
October 28, 2004
P R E L IM IN A R Y
Note: To achieve the best protection, it is recom-
mended to execute the PPB lock bit set command
early in the boot code, and protect the boot code by
holding WP# = V
IL.
Table 9.
Sector Protection Schemes
Table 9 contains all possible combinations of the DYB-
DYB, PPB, and PPB lock relating to the status of the
sector.
In summary, if the PPB is set, and the PPB lock is set,
the sector is protected and the protection can not be
removed until the next power cycle clears the PPB
lock. If the PPB is cleared, the sector can be dynami-
cally locked or unlocked. The DYB then controls
whether or not the sector is protected or unprotected.
If the user attempts to program or erase a protected
sector, the device ignores the command and returns to
read mode. A program command to a protected sector
enables status polling for approximately 1 µs before
the device returns to read mode without having modi-
fied the contents of the protected sector. An erase
command to a protected sector enables status polling
for approximately 50 µs after which the device returns
to read mode without having erased the protected sec-
tor.
The programming of the DYB, PPB, and PPB lock for a
giv en s e c t or c an be v e r i fied b y w r it ing a
DYB/PPB/PPB lock verify command to the device.
Persistent Sector Protection Mode
Locking Bit
Like the password mode locking bit, a Persistent Sec-
tor Protection mode locking bit exists to guarantee that
the device remain in software sector protection. Once
set, the Persistent Sector Protection locking bit pre-
vents programming of the password protection mode
locking bit. This guarantees that a hacker could not
place the device in password protection mode.
Password Protection Mode
The Password Sector Protection Mode method allows
an even higher level of security than the Persistent
Sector Protection Mode. There are two main differ-
ences between the Persistent Sector Protection and
the Password Sector Protection Mode:
When the device is first powered on, or comes out
of a reset cycle, the PPB Lock bit set to the locked
state, rather than cleared to the unlocked state.
The only means to clear the PPB Lock bit is by writ-
ing a unique 64-bit Password to the device.
The Password Sector Protection method is otherwise
identical to the Persistent Sector Protection method.
A 64-bit password is the only additional tool utilized in
this method.
The password is stored in the first eight bytes of the
SecSi Sector. Once the Password Mode Locking Bit is
set, the password is permanently set with no means to
read, program, or erase it. The password is used to
clear the PPB Lock bit. The Password Unlock com-
mand must be written to the flash, along with a pass-
word. The flash device internally compares the given
password with the pre-programmed password. If the
passwords match, the PPB Lock bit is cleared, and the
PPBs can be altered. If the passwords do not match,
the flash device does nothing. There is a built-in 2 µs
delay for each “password check.” This delay is in-
tended to thwart any efforts to run a program that tries
all possible combinations to crack the password.
Because the password occupies the first eight bytes of
the SecSi Sector, the password must be programmed
before either the password protection mode is se-
lected or the SecSi Sector protection bit is pro-
grammed (to use both the SecSi Sector and Password
Protection at the same time). See “Utilizing Password
and SecSi Sector Concurrently” on page 30 for more
information.
Password and Password Mode Locking
Bit
To select the Password sector protection scheme, the
customer must first program the password. AMD rec-
ommends that the password be somehow correlated
to the unique Electronic Serial Number (ESN) of the
particular flash device. Each ESN is different for every
flash device; therefore each password should be differ-
ent for every flash device. While programming in the
password region, the customer may perform Password
Verify operations.
Once the desired password is programmed in, the
customer must then set the Password Mode Locking
Bit. This operation achieves two objectives:
DYB
PPB
PPB
Lock
Sector State
000
Unprotected—PPB and DYB are
changeable
001
Unprotected—PPB not
changeable, DYB is changeable
010
Protected—PPB and DYB are
changeable
100
110
011
Protected—PPB not changeable,
DYB is changeable
101
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com