Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29LV640MT110REI Datasheet(PDF) 31 Page - Advanced Micro Devices

Part # AM29LV640MT110REI
Description  64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV640MT110REI Datasheet(HTML) 31 Page - Advanced Micro Devices

Back Button AM29LV640MT110REI Datasheet HTML 27Page - Advanced Micro Devices AM29LV640MT110REI Datasheet HTML 28Page - Advanced Micro Devices AM29LV640MT110REI Datasheet HTML 29Page - Advanced Micro Devices AM29LV640MT110REI Datasheet HTML 30Page - Advanced Micro Devices AM29LV640MT110REI Datasheet HTML 31Page - Advanced Micro Devices AM29LV640MT110REI Datasheet HTML 32Page - Advanced Micro Devices AM29LV640MT110REI Datasheet HTML 33Page - Advanced Micro Devices AM29LV640MT110REI Datasheet HTML 34Page - Advanced Micro Devices AM29LV640MT110REI Datasheet HTML 35Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 66 page
background image
February 1, 2007 26190C8
Am29LV640MT/B
29
D A TA
SH EET
Word/Byte Program Command Sequence
Programming is a four-bus-cycle operation. The pro-
gram command sequence is initiated by writing two
unlock write cycles, followed by the program set-up
command. The program address and data are written
next, which in turn initiate the Embedded Program al-
gorithm. The system is not required to provide further
controls or timings. The device automatically provides
internally generated program pulses and verifies the
programmed cell margin. Tables 12 and 13 show the
address and data requirements for the word program
command sequence. Note that the autoselect and CFI
functions are unavailable when a program operation is
in progress.
When the Embedded Program algorithm is complete,
the device then returns to the read mode and ad-
dresses are no longer latched. The system can deter-
mine the status of the program operation by using
DQ7 or DQ6. See Write Operation Status on page 38
for information on these status bits.
Any commands written to the device during the Em-
bedded Program Algorithm are ignored. Note that a
hardware reset immediately terminates the program
operation. The program command sequence should
be reinitiated once the device has returned to the read
mode, to ensure data integrity.
Programming is allowed in any sequence and across
sector boundaries. A bit cannot be programmed
from “0” back to a “1.” Attempting to do so can
cause the device to set DQ5 = 1, or cause the DQ7
and DQ6 status bits to indicate the operation was suc-
cessful. However, a succeeding read shows that the
data is still “0.” Only erase operations can convert a “0”
to a “1.”
Unlock Bypass Command Sequence
The unlock bypass feature allows the system to pro-
gram words to the device faster than using the stan-
dard program command sequence. The unlock bypass
command sequence is initiated by first writing two un-
lock cycles. This is followed by a third write cycle con-
taining the unlock bypass command, 20h. The device
then enters the unlock bypass mode. A two-cycle un-
lock bypass program command sequence is all that is
required to program in this mode. The first cycle in this
sequence contains the unlock bypass program com-
mand, A0h; the second cycle contains the program
address and data. Additional data is programmed in
the same manner. This mode dispenses with the initial
two unlock cycles required in the standard program
command sequence, resulting in faster total program-
ming time. Tables 12 and 13 show the requirements
for the command sequence.
During the unlock bypass mode, only the Unlock By-
pass Program and Unlock Bypass Reset commands
are valid. To exit the unlock bypass mode, the system
must issue the two-cycle unlock bypass reset com-
mand sequence. The first cycle must contain the data
90h. The second cycle must contain the data 00h. The
device then returns to the read mode.
Write Buffer Programming
Write Buffer Programming allows the system write to a
maximum of 16 words/32 bytes in one programming
operation. This results in faster effective programming
time than the standard programming algorithms. The
Write Buffer Programming command sequence is initi-
ated by first writing two unlock cycles. This is followed
by a third write cycle containing the Write Buffer Load
command written at the Sector Address in which pro-
gramming occurs. The fourth cycle writes the sector
address and the number of word locations, minus one,
to be programmed. For example, if the system pro-
grams six unique address locations, then 05h should
be written to the device. This tells the device how
many write buffer addresses are loaded with data and
therefore when to expect the Program Buffer to Flash
command. The number of locations to program cannot
exceed the size of the write buffer or the operation
aborts.
The fifth cycle writes the first address location and
data to be programmed. The write-buffer-page is se-
lected by address bits A
MAX–A4. All subsequent ad-
dr ess/ dat a
p a ir s
m u s t
f a ll
within
th e
selected-write-buffer-page. The system then writes the
remaining address/data pairs into the write buffer.
Write buffer locations can be loaded in any order.
The write-buffer-page address must be the same for
all address/data pairs loaded into the write buffer.
(This means Write Buffer Programming cannot be per-
formed across multiple write-buffer pages. This also
means that Write Buffer Programming cannot be per-
formed across multiple sectors. If the system attempts
to load programming data outside of the selected
write-buffer page, the operation aborts.
Note that if a Write Buffer address location is loaded
multiple times, the address/data pair counter is decre-
mented for every data load operation. The host system
must therefore account for loading a write-buffer loca-
tion more than once. The counter decrements for each
da ta lo ad op er atio n, n o t f o r e a ch un iqu e
write-buffer-address location. Also note, if an address
location is loaded more than once into the buffer, the
final data loaded for that address is programmed.
Once the specified number of write buffer locations
have been loaded, the system must then write the Pro-
gram Buffer to Flash command at the sector address.
Any other address and data combination aborts the
Write Buffer Programming operation. The device then
begins programming. Data polling should be used
while monitoring the last address location loaded into



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com