Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29LV640MT110REI Datasheet(PDF) 35 Page - Advanced Micro Devices

Part # AM29LV640MT110REI
Description  64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV640MT110REI Datasheet(HTML) 35 Page - Advanced Micro Devices

Back Button AM29LV640MT110REI Datasheet HTML 31Page - Advanced Micro Devices AM29LV640MT110REI Datasheet HTML 32Page - Advanced Micro Devices AM29LV640MT110REI Datasheet HTML 33Page - Advanced Micro Devices AM29LV640MT110REI Datasheet HTML 34Page - Advanced Micro Devices AM29LV640MT110REI Datasheet HTML 35Page - Advanced Micro Devices AM29LV640MT110REI Datasheet HTML 36Page - Advanced Micro Devices AM29LV640MT110REI Datasheet HTML 37Page - Advanced Micro Devices AM29LV640MT110REI Datasheet HTML 38Page - Advanced Micro Devices AM29LV640MT110REI Datasheet HTML 39Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 66 page
background image
February 1, 2007 26190C8
Am29LV640MT/B
33
D A TA
SH EET
The system must write the Program Resume com-
mand (address bits are don’t care) to exit the Program
Suspend mode and continue the programming opera-
tion. Further writes of the Resume command are ig-
nored. Another Program Suspend command can be
written after the device has resume programming.
Figure 6.
Program Suspend/Program Resume
Chip Erase Command Sequence
Chip erase is a six bus cycle operation. The chip erase
command sequence is initiated by writing two unlock
cycles, followed by a set-up command. Two additional
unlock write cycles are then followed by the chip erase
command, which in turn invokes the Embedded Erase
algorithm. The device does not require the system to
preprogram prior to erase. The Embedded Erase algo-
rithm automatically preprograms and verifies the entire
memory for an all zero data pattern prior to electrical
erase. The system is not required to provide any con-
trols or timings during these operations. Tables 12 and
13 shows the address and data requirements for the
chip erase command sequence. Note that the autose-
lect and CFI functions are unavailable when an erase
operation is in progress.
When the Embedded Erase algorithm is complete, the
device returns to the read mode and addresses are no
longer latched. The system can determine the status
of the erase operation by using DQ7, DQ6, or DQ2.
See Write Operation Status on page 38 for information
on these status bits.
Any commands written during the chip erase operation
are ignored. However, note that a hardware reset im-
mediately terminates the erase operation. If that oc-
curs, the chip erase command sequence should be
reinitiated once the device has returned to reading
array data, to ensure data integrity.
Figure 7 illustrates the algorithm for the erase opera-
tion. See the table, Erase and Program Operations on
page 48 in AC Characteristics for parameters, and Fig-
ure 19 for timing diagrams.
Sector Erase Command Sequence
Sector erase is a six bus cycle operation. The sector
erase command sequence is initiated by writing two
unlock cycles, followed by a set-up command. Two ad-
ditional unlock cycles are written, and are then fol-
lowed by the address of the sector to be erased, and
the sector erase command. Tables 12 and 13 shows
the address and data requirements for the sector
erase command sequence. Note that the autoselect
and CFI functions are unavailable when an erase op-
eration is in progress.
The device does not require the system to preprogram
prior to erase. The Embedded Erase algorithm auto-
matically programs and verifies the entire memory for
an all zero data pattern prior to electrical erase. The
system is not required to provide any controls or tim-
ings during these operations.
After the command sequence is written, a sector erase
time-out of 50 µs occurs. During the time-out period,
additional sector addresses and sector erase com-
mands can be written. Loading the sector erase buffer
can be done in any sequence, and the number of sec-
tors can be from one sector to all sectors. The time be-
tween these additional cycles must be less than 50 µs,
otherwise erasure can begin. Any sector erase ad-
dress and command following the exceeded time-out
might or might not be accepted. It is recommended
that processor interrupts be disabled during this time
to ensure all commands are accepted. The interrupts
can be re-enabled after the last Sector Erase com-
mand is written. Any command other than Sector
Erase or Erase Suspend during the time-out pe-
riod resets the device to the read mode. The sys-
tem must rewrite the command sequence and any
additional addresses and commands.
Program Operation
or Write-to-Buffer
Sequence in Progress
Write Program Suspend
Command Sequence
Command is also valid for
Erase-suspended-program
operations
Autoselect and SecSi Sector
read operations are also allowed
Data cannot be read from erase- or
program-suspended sectors
Write Program Resume
Command Sequence
Read data as
required
Done
reading?
No
Yes
Write address/data
XXXh/30h
Device reverts to
operation prior to
Program Suspend
Write address/data
XXXh/B0h
Wait 15
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com