| Electronic Components Datasheet Search |
|
AM29LV640MT110REI Datasheet(PDF) 64 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29LV640MT110REI Datasheet(HTML) 64 Page - Advanced Micro Devices |
|
64 / 66 page ![]() 62 Am29LV640MT/B 26190C8 February 1, 2007 D A TA SH EE T REVISION SUMMARY Revision A (April 26, 2002) Initial release. Revision B (May 23, 2002) Changed packaging from 64-ball FBGA to 64-ball For- tified BGA. Changed Block Diagram: Moved V IO from RY/BY# to Input/Output Buffers. Changed Note about WP#/ACC pin to indicate internal pullup to V CC. Revision B+1 (July 31, 2002) MIRRORBIT 64 MBIT Device Family Added 64 Fortified BGA to LV640MU device. Alternate CE# Controlled Erase and Program Operations Added t RH parameter to table. Erase and Program Operations Added t BUSY parameter to table. Figure 16. Program Operation Timings Added RY/BY# to waveform. TSOP and BGA PIN Capacitance Added the FBGA package. Program Suspend/Program Resume Command Sequence Changed 15 μs typical to maximum and added 5 μs typical. Erase Suspend/Erase Resume Commands Changed typical from 20 μs to 5 μs and added a maxi- mum of 20 μs. Revision B+2 (August 9, 2002) Valid Combinations for TSOP Package Added 100R, 110R, and 120R OPNs. Valid Combinations for BGA Package Added 100R, 110R, and 120R OPNs. CMOS Compatible Added Note 8. Special package handling instructions Modified the special handling wording. DC Characteristics table Deleted the I ACC specification row. CFI Changed text in the third paragraph of CFI to read “reading array data.” Revision B+3 (September 19, 2002) Ordering Information Deleted FI from Valid Combinations Table. Revision B+4 (October 15, 2002) Connection Diagrams Changed from 56-Pin Standard TSOP to 48-Pin Stan- dard TSOP. Product Selector Guide Added regulated OPNs. Revision C (December 5, 2002) Secured Silicon Sector Flash Memory Region, and Enter Secured Silicon Sector/Exit Secured Silicon Sector Command Sequence Noted that the A CC function and unlock bypass modes are not available when the Secured Silicon sector is en- abled. Byte/Word Program Command Sequence, Sector Erase Command Sequence, and Chip Erase Com- mand Sequence Noted that the Secured Silicon Sector, autoselect, and CFI functions are unavailable when a program or erase operation is in progress. Common Flash Memory Interface (CFI) Changed CFI website address. Command Definitions Changed wording in last sentence of first paragraph from, “...resets the device to reading array data.” to ...”may place the device to an unknown state. A reset command is then required to return the device to read- ing array data.” CMOS Compatible Added I LR parameter to table. Removed V IL, VIH, VOL, and VOH from table and added V IL1, VIH1, VIL2, VIH2, VOL, VOH1, and VOH2 from the CMOS table in the Am29LV640MH/L datasheet. Changed V IH1 and VIH2 minimum to 1.9. Removed typos in notes. AC Characteristics and Read-Only Operations Changed the Chip Enable to Output High Z and Out- put Enable to Output High Z Speed Options from 30 ns to 16 ns. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |