Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESM-240S670LX Datasheet(PDF) 2 Page - Inventronics Inc.

Part # ESM-240S670LX
Description  240W NFC Driver with INV Digital Dimming
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

ESM-240S670LX Datasheet(HTML) 2 Page - Inventronics Inc.

  ESM-240S670LX Datasheet HTML 1Page - Inventronics Inc. ESM-240S670LX Datasheet HTML 2Page - Inventronics Inc. ESM-240S670LX Datasheet HTML 3Page - Inventronics Inc. ESM-240S670LX Datasheet HTML 4Page - Inventronics Inc. ESM-240S670LX Datasheet HTML 5Page - Inventronics Inc. ESM-240S670LX Datasheet HTML 6Page - Inventronics Inc. ESM-240S670LX Datasheet HTML 7Page - Inventronics Inc. ESM-240S670LX Datasheet HTML 8Page - Inventronics Inc. ESM-240S670LX Datasheet HTML 9Page - Inventronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2 / 16
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
240W NFC Driver with INV Digital Dimming
ESM-240SxxxLx
Rev.D
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
I-V Operation Area
ESM-240S105Lx
ESM-240S150Lx
Output Current(mA)
Good Performance Area
Allowed Operating Area
Programmed Operating Area
Note: 700mA≤Ioset≤1050mA
(420,343)
(70,343)
0
60
120
180
240
300
360
0
200
400
600
800
1000
1200
(700,343)
(1050,229)
100
%Lo
ad
(1050,115)
(Ioset,240/Ioset)
(10%Ioset,240/Ioset)
(105,115)
(Ioset,115)
(1050,137)
(630,229)
(105,229)
(1500,96)
0
50
100
150
200
250
300
0
300
600
900
1200
1500
1800
Output Current(mA)
(1050,229)
(1500,160)
(10%Ioset,240/Ioset)
(Ioset,240/Ioset)
Good Performance Area
Allowed Operating Area
(1500,80)
Programmed Operating Area
Note: 1050mA≤Ioset≤1500mA
(150,80)
(Ioset,80)
100%Loa
d
60%
Loa
d
ESM-240S350Lx
ESM-240S670Lx
(1290,111)
(215,111)
(3500,41)
0
20
40
60
80
100
120
0
700
1400
2100
2800
3500
4200
(2150,111)
(3500,69)
(10%Ioset,240/Ioset)
(Ioset,240/Ioset)
60%
Loa
d
Good Performance Area
Allowed Operating Area
(3500,35)
Programmed Operating Area
(350,35)
(Ioset,35)
Output Current(mA)
Note: 2150mA≤Ioset≤3500mA
100
%Lo
ad
Output Current(mA)
Good Performance Area
Allowed Operating Area
Programmed Operating Area
Note: 4200mA≤Ioset≤6700mA
(2520,57)
(420,57)
0
10
20
30
40
50
60
0
1250
2500
3750
5000
6250
7500
(4200,57)
(6700,36)
100
%Lo
ad
60%
Loa
d
(6700,18)
(Ioset,240 /Ioset)
(10%Ioset,240/Ioset)
(670,18)
(Ioset,18)
(6700,22)
Input Specifications
Parameter
Min.
Typ.
Max.
Notes
Input AC Voltage
249 Vac
-
528 Vac
Input DC Voltage
352 Vdc
-
500 Vdc
Input Frequency
47 Hz
-
63 Hz
Leakage Current
-
-
0.75 MIU
UL 8750; 480Vac/ 60Hz
-
-
0.70 mA
IEC 60598-1; 480Vac/ 60Hz
Input AC Current
-
-
1.10 A
Measured at 100% load and 277 Vac input.
-
-
0.65 A
Measured at 100% load and 480 Vac input.
Inrush Current(I2t)
-
-
2.10 A2s
At 480Vac input, 25
C cold start,
duration=520 μs, 10%Ipk-10%Ipk. See
Inrush Current Waveform for the details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com