Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESM-240S670LX Datasheet(PDF) 4 Page - Inventronics Inc.

Part # ESM-240S670LX
Description  240W NFC Driver with INV Digital Dimming
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

ESM-240S670LX Datasheet(HTML) 4 Page - Inventronics Inc.

  ESM-240S670LX Datasheet HTML 1Page - Inventronics Inc. ESM-240S670LX Datasheet HTML 2Page - Inventronics Inc. ESM-240S670LX Datasheet HTML 3Page - Inventronics Inc. ESM-240S670LX Datasheet HTML 4Page - Inventronics Inc. ESM-240S670LX Datasheet HTML 5Page - Inventronics Inc. ESM-240S670LX Datasheet HTML 6Page - Inventronics Inc. ESM-240S670LX Datasheet HTML 7Page - Inventronics Inc. ESM-240S670LX Datasheet HTML 8Page - Inventronics Inc. ESM-240S670LX Datasheet HTML 9Page - Inventronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4 / 16
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
240W NFC Driver with INV Digital Dimming
ESM-240SxxxLx
Rev.D
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
General Specifications
Parameter
Min.
Typ.
Max.
Notes
Efficiency at 277 Vac input:
ESM-240S105Lx
Io= 700 mA
Io=1050 mA
ESM-240S150Lx
Io=1050 mA
Io=1500 mA
ESM-240S350Lx
Io=2150 mA
Io=3500 mA
ESM-240S670Lx
Io=4200 mA
Io=6700 mA
90.5%
91.0%
90.0%
90.0%
90.0%
88.5%
89.5%
87.5%
92.5%
93.0%
92.0%
92.0%
92.0%
90.5%
91.5%
89.5%
-
-
-
-
-
-
-
-
Measured at 100% load and steady-state
temperature in 25
C ambient;
(Efficiency will be about 2.0% lower if
measured immediately after startup.)
Efficiency at 400 Vac input:
ESM-240S105Lx
Io= 700 mA
Io=1050 mA
ESM-240S150Lx
Io=1050 mA
Io=1500 mA
ESM-240S350Lx
Io=2150 mA
Io=3500 mA
ESM-240S670Lx
Io=4200 mA
Io=6700 mA
91.5%
91.5%
91.5%
91.0%
91.0%
89.5%
90.5%
88.5%
93.5%
93.5%
93.5%
93.0%
93.0%
91.5%
92.5%
90.5%
-
-
-
-
-
-
-
-
Measured at 100% load and steady-state
temperature in 25
C ambient;
(Efficiency will be about 2.0% lower if
measured immediately after startup.)
Efficiency at 480 Vac input:
ESM-240S105Lx
Io= 700 mA
Io=1050 mA
ESM-240S150Lx
Io=1050 mA
Io=1500 mA
ESM-240S350Lx
Io=2150 mA
Io=3500 mA
ESM-240S670Lx
Io=4200 mA
Io=6700 mA
91.5%
92.0%
91.5%
91.0%
91.0%
89.5%
90.5%
89.0%
93.5%
94.0%
93.5%
93.0%
93.0%
91.5%
92.5%
91.0%
-
-
-
-
-
-
-
-
Measured at 100% load and steady-state
temperature in 25
C ambient;
(Efficiency will be about 2.0% lower if
measured immediately after startup.)
Power Metering Accuracy
-1%
-
1%
At 100% load condition
Standby Power
-
1.5 W
-
Measured at 480Vac/50Hz; Dimming off
MTBF
-
203,000
Hours
-
Measured at 480Vac input, 80%Load and
25
C ambient temperature (MIL-HDBK-
217F)
Lifetime
-
106,000
Hours
-
Measured at 480Vac input, 80%Load and
70
C case temperature; See lifetime vs.
Tc curve for the details
Operating Case Temperature
for Safety Tc_s
-40°C
-
+90°C
Operating Case Temperature
for Warranty Tc_w
-40°C
-
+80°C
Case temperature for 5 years warranty
Humidity: 10% RH to 95% RH
Storage Temperature
-40°C
-
+85°C
Humidity: 5%RH to 95%RH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com