Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESM-240S670LX Datasheet(PDF) 6 Page - Inventronics Inc.

Part # ESM-240S670LX
Description  240W NFC Driver with INV Digital Dimming
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

ESM-240S670LX Datasheet(HTML) 6 Page - Inventronics Inc.

Back Button ESM-240S670LX Datasheet HTML 2Page - Inventronics Inc. ESM-240S670LX Datasheet HTML 3Page - Inventronics Inc. ESM-240S670LX Datasheet HTML 4Page - Inventronics Inc. ESM-240S670LX Datasheet HTML 5Page - Inventronics Inc. ESM-240S670LX Datasheet HTML 6Page - Inventronics Inc. ESM-240S670LX Datasheet HTML 7Page - Inventronics Inc. ESM-240S670LX Datasheet HTML 8Page - Inventronics Inc. ESM-240S670LX Datasheet HTML 9Page - Inventronics Inc. ESM-240S670LX Datasheet HTML 10Page - Inventronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6 / 16
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
240W NFC Driver with INV Digital Dimming
ESM-240SxxxLx
Rev.D
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Safety &EMC Compliance
Safety Category
Standard
UL/CUL
UL 8750,CAN/CSA-C22.2 No. 250.13
ENEC
EN 61347-1, EN 61347-2-13
CE
EN 61347-1, EN 61347-2-13
EN 301 489-1
EN 301 489-3
EN 300 330
EN 62479/EN 50663/EN 50665/EN 50364
UKCA
BS EN 61347-1, BS EN 61347-2-13
BS EN 301 489-1
BS EN 301 489-3
BS EN 300 330
BS EN 62479/BS EN 50663/BS EN 50665/BS EN 50364
CB
IEC 61347-1, IEC 61347-2-13
EAC
TP TC 004, TP TC 020
Performance
Standard
ENEC
EN 62384
EMI Standards
Notes
BS EN/EN IEC 55015(1)
Conducted emission Test &Radiated emission Test
BS EN/EN IEC 61000-3-2
Harmonic current emissions
BS EN/EN 61000-3-3
Voltage fluctuations & flicker
FCC Part 15(1)
ANSI C63.4 Class B
This device complies with Part 15 of the FCC Rules. Operation is subject to the following
two conditions: [1] this device may not cause harmful interference, and [2] this device
must accept any interference received, including interference that may cause undesired
Operation.
EMS Standards
Notes
BS EN/EN 61000-4-2
Electrostatic Discharge (ESD): 8 kV air discharge, 4 kV contact discharge
BS EN/EN 61000-4-3
Radio-Frequency Electromagnetic Field Susceptibility Test-RS
BS EN/EN 61000-4-4
Electrical Fast Transient / Burst-EFT
BS EN/EN 61000-4-5
Surge Immunity Test: AC Power Line: Differential Mode 6 kV, Common Mode 10 kV
BS EN/EN 61000-4-6
Conducted Radio Frequency Disturbances Test-CS
BS EN/EN 61000-4-8
Power Frequency Magnetic Field Test
BS EN/EN 61000-4-11
Voltage Dips
BS EN/EN 61547
Electromagnetic Immunity Requirements Applies To Lighting Equipment
Note: (1) This LED driver meets the EMI specifications above, but EMI performance of a luminaire that contains it depends
also on the other devices connected to the driver and on the fixture itself.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com