Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29BDS320GBC9VMI Datasheet(PDF) 68 Page - SPANSION

Part # AM29BDS320GBC9VMI
Description  32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BDS320GBC9VMI Datasheet(HTML) 68 Page - SPANSION

Back Button AM29BDS320GBC9VMI Datasheet HTML 64Page - SPANSION AM29BDS320GBC9VMI Datasheet HTML 65Page - SPANSION AM29BDS320GBC9VMI Datasheet HTML 66Page - SPANSION AM29BDS320GBC9VMI Datasheet HTML 67Page - SPANSION AM29BDS320GBC9VMI Datasheet HTML 68Page - SPANSION AM29BDS320GBC9VMI Datasheet HTML 69Page - SPANSION AM29BDS320GBC9VMI Datasheet HTML 70Page - SPANSION AM29BDS320GBC9VMI Datasheet HTML 71Page - SPANSION AM29BDS320GBC9VMI Datasheet HTML 72Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 74 page
background image
66
Am29BDS320G
27243B1 October 1, 2003
Prelimin ary
AC Characteristics
Notes:
1. RDY active with data (A18 = 1 in the Burst Mode Configuration Register).
2. RDY active one clock cycle before data (A18 = 0 in the Burst Mode Configuration Register).
3. Cxx indicates the clock that triggers Dxx on the outputs; for example, C60 triggers D60. Figure shows the device not
crossing a bank in the process of performing an erase or program.
Figure 30. Latency with Boundary Crossing
CLK
Address (hex)
C60
C61
C62
C63
C63
C63
C64
C65
C66
C67
D60
D61
D62
D63
D64
D65
D66
D67
(stays high)
AVD#
RDY
Data
OE#,
CE#
(stays low)
Address boundary occurs every 64 words, beginning at address
00003Fh (00007Fh, 0000BFh, etc.). Address 000000h is also a boundary crossing.
3C
3D
3E
3F
3F
3F
40
41
42
43
latency
RDY
latency
tRACC
(Note 1)
(Note 2)
tRACC
tRACC
tRACC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com