Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29BDS320GBC9VMI Datasheet(PDF) 73 Page - SPANSION

Part # AM29BDS320GBC9VMI
Description  32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BDS320GBC9VMI Datasheet(HTML) 73 Page - SPANSION

Back Button AM29BDS320GBC9VMI Datasheet HTML 66Page - SPANSION AM29BDS320GBC9VMI Datasheet HTML 67Page - SPANSION AM29BDS320GBC9VMI Datasheet HTML 68Page - SPANSION AM29BDS320GBC9VMI Datasheet HTML 69Page - SPANSION AM29BDS320GBC9VMI Datasheet HTML 70Page - SPANSION AM29BDS320GBC9VMI Datasheet HTML 71Page - SPANSION AM29BDS320GBC9VMI Datasheet HTML 72Page - SPANSION AM29BDS320GBC9VMI Datasheet HTML 73Page - SPANSION AM29BDS320GBC9VMI Datasheet HTML 74Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 73 / 74 page
background image
October 1, 2003 27243B1
Am29BDS320G
71
Prelimin ary
Physical Dimensions
VBD064—64-ball Fine-Pitch Ball Grid Array (FBGA)
8 x 9 mm Package
Note: BSC is an ANSI standard for Basic Space Centering.
PACKAGE
VBD 064
JEDEC
N/A
8.95 mm x 7.95 mm NOM
PACKAGE
SYMBOL
MIN
NOM
MAX
NOTE
A
---
---
1.00
OVERALL THICKNESS
A1
0.20
---
0.30
BALL HEIGHT
A2
0.62
---
0.76
BODY THICKNESS
D
8.95 BSC.
BODY SIZE
E
7.95 BSC.
BODY SIZE
D1
5.60 BSC.
BALL FOOTPRINT
E1
5.60 BSC.
BALL FOOTPRINT
MD
8
ROW MATRIX SIZE D DIRECTION
ME
8
ROW MATRIX SIZE E DIRECTION
N
64
TOTAL BALL COUNT
φb
0.30
0.35
0.40
BALL DIAMETER
e
0.80 BSC.
BALL PITCH
SD / SE
0.40 BSC.
SOLDER BALL PLACEMENT
NONE
DEPOPULATED SOLDER BALLS
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M-1994.
2. ALL DIMENSIONS ARE IN MILLIMETERS.
3. BALL POSITION DESIGNATION PER JESD 95-1, SPP-010 (EXCEPT
AS NOTED).
4.
e REPRESENTS THE SOLDER BALL GRID PITCH.
5. SYMBOL "MD" IS THE BALL ROW MATRIX SIZE IN THE
"D" DIRECTION.
SYMBOL "ME" IS THE BALL COLUMN MATRIX SIZE IN THE
"E" DIRECTION.
N IS THE TOTAL NUMBER OF SOLDER BALLS.
6
DIMENSION "b" IS MEASURED AT THE MAXIMUM BALL
DIAMETER IN A PLANE PARALLEL TO DATUM C.
7
SD AND SE ARE MEASURED WITH RESPECT TO DATUMS
A AND B AND DEFINE THE POSITION OF THE CENTER
SOLDER BALL IN THE OUTER ROW.
WHEN THERE IS AN ODD NUMBER OF SOLDER BALLS IN
THE OUTER ROW PARALLEL TO THE D OR E DIMENSION,
RESPECTIVELY, SD OR SE = 0.000.
WHEN THERE IS AN EVEN NUMBER OF SOLDER BALLS IN
THE OUTER ROW, SD OR SE = e/2
8. NOT USED.
9. "+" INDICATES THE THEORETICAL CENTER OF DEPOPULATED
BALLS.
10 A1 CORNER TO BE IDENTIFIED BY CHAMFER, LASER OR INK
MARK, METALLIZED MARK INDENTATION OR OTHER MEANS.
SIDE VIEW
A2
A
SEATING PLANE
C
C
C
0.10
0.08
A1
TOP VIEW
10
C
(2X)
0.05
(2X)
C
0.05
A
B
INDEX MARK
CORNER
PIN A1
E
D
BOTTOM VIEW
A1 CORNER
SD
SE
7
E1
e
D1
AB
NX
φb
M
φ 0.15
φ 0.08 M
C
C
6
G
H
8
6
5
4
3
2
1
B
A
7
D C
E
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com