Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29BDS320GBC9VMI Datasheet(PDF) 70 Page - SPANSION

Part # AM29BDS320GBC9VMI
Description  32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BDS320GBC9VMI Datasheet(HTML) 70 Page - SPANSION

Back Button AM29BDS320GBC9VMI Datasheet HTML 66Page - SPANSION AM29BDS320GBC9VMI Datasheet HTML 67Page - SPANSION AM29BDS320GBC9VMI Datasheet HTML 68Page - SPANSION AM29BDS320GBC9VMI Datasheet HTML 69Page - SPANSION AM29BDS320GBC9VMI Datasheet HTML 70Page - SPANSION AM29BDS320GBC9VMI Datasheet HTML 71Page - SPANSION AM29BDS320GBC9VMI Datasheet HTML 72Page - SPANSION AM29BDS320GBC9VMI Datasheet HTML 73Page - SPANSION AM29BDS320GBC9VMI Datasheet HTML 74Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 70 / 74 page
background image
68
Am29BDS320G
27243B1 October 1, 2003
Prelimin ary
AC Characteristics
Note:
A14, A13, A12 = “101” ⇒ 5 programmed, 7 total
A14, A13, A12 = “100” ⇒ 4 programmed, 6 total
A14, A13, A12 = “011” ⇒ 3 programmed, 5 total
A14, A13, A12 = “010” ⇒ 2 programmed, 4 total
A14, A13, A12 = “001” ⇒ 1 programmed, 3 total
A14, A13, A12 = “000” ⇒ 0 programmed, 2 total
Figure assumes address D0 is not at an address boundary, active clock edge is rising, and wait state is set to “101”.
Figure 32. Example of Wait States Insertion (Standard Handshaking Device)
Data
AVD#
OE#
CLK
12
3
4
5
D0
D1
01
6
2
7
3
total number of clock cycles
following AVD# falling edge
Rising edge of next clock cycle
following last wait state triggers
next burst data
number of clock cycles
programmed
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com