Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FRV Datasheet(PDF) 2 Page - RFE international

Part # FRV
Description  Radial Leaded PTC Resettable Fuse
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FRV Datasheet(HTML) 2 Page - RFE international

  FRV Datasheet HTML 1Page - RFE international FRV Datasheet HTML 2Page - RFE international FRV Datasheet HTML 3Page - RFE international FRV Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NO.
PQ24-101E
Product Specification and Approval Sheet Version 1 Page 2/4
Designed and manufactured by Fuzetec Technology Co., Ltd., offered by RFE International, Inc.
NOTE: Specification subject to change without notice.
2021/03/25
4. Production Dimensions (millimeter)
Fig.1
Fig.2
Fig.3
Fig.4
Lead Size: 24AWG
Lead Size: 22AWG
Lead Size: 20AWG
Lead Size: 20AWG
φ 0.51 mm Diameter
φ 0.65 mm Diameter
φ 0.81 mm Diameter
φ 0.81 mm Diameter
Part
Number
Figure
A
B
C
D
E
F
Maximum
Maximum
Typical
Minimum
Maximum
Typical
FRV005-240F
1
8.3
10.7
5.1
7.6
3.8
1.6
FRV008-240F
1
8.3
10.7
5.1
7.6
3.8
1.6
FRV012-240F
1
8.3
10.7
5.1
7.6
3.8
1.6
FRV016-240F
1
9.9
12.5
5.1
7.6
3.8
1.6
FRV025-240F
2
9.6
17.4
5.1
7.6
3.8
1.8
FRV033-240F
2
11.4
16.5
5.1
7.6
3.8
1.8
FRV040-240F
2
11.5
19.5
5.1
7.6
3.8
1.8
FRV055-240F
3
14.0
21.7
5.1
7.6
4.1
1.9
FRV075-240F
3
11.5
23.4
5.1
7.6
4.8
1.9
FRV100-240F
4
18.7
24.4
10.2
7.6
5.1
1.9
FRV125-240F
4
21.2
27.4
10.2
7.6
5.3
1.9
FRV150-240F
4
23.4
30.9
10.2
7.6
5.3
1.9
FRV200-240F
3
24.9
33.8
10.2
7.6
6.1
1.9



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com