Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FRV Datasheet(PDF) 3 Page - RFE international

Part # FRV
Description  Radial Leaded PTC Resettable Fuse
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FRV Datasheet(HTML) 3 Page - RFE international

  FRV Datasheet HTML 1Page - RFE international FRV Datasheet HTML 2Page - RFE international FRV Datasheet HTML 3Page - RFE international FRV Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NO.
PQ24-101E
Product Specification and Approval Sheet Version 1 Page 3/4
Designed and manufactured by Fuzetec Technology Co., Ltd., offered by RFE International, Inc.
NOTE: Specification subject to change without notice.
2021/03/25
5. Thermal Derating Curve
6. Typical Time-To-Trip at 23℃
0.01
0.1
1
10
100
1000
0.1
1
10
100
Fault current (A)
FRV Series
A B C D E FG HI J KL M
A= FRV005-240F
B= FRV008-240F
C= FRV012-240F
D= FRV016-240F
E= FRV025-240F
F= FRV033-240F
G= FRV040-240F
H= FRV055-240F
I= FRV075-240F
J= FRV100-240F
K= FRV125-240F
L=FRV150-240F
M= FRV200-240F
A = FRV005-240F~
A = FRV055-240F
B = FRV075-240F ~
B = FRV200-240F
0%
50%
100%
150%
200%
-40
-20
0
20
40
60
80
Ambient Temperature (℃)
FRV Series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com