Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FRV Datasheet(PDF) 1 Page - RFE international

Part # FRV
Description  Radial Leaded PTC Resettable Fuse
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FRV Datasheet(HTML) 1 Page - RFE international

  FRV Datasheet HTML 1Page - RFE international FRV Datasheet HTML 2Page - RFE international FRV Datasheet HTML 3Page - RFE international FRV Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NO.
PQ24-101E
Product Specification and Approval Sheet Version 1 Page 1/4
Designed and manufactured by Fuzetec Technology Co., Ltd., offered by RFE International, Inc.
NOTE: Specification subject to change without notice.
2021/03/25
Radial Leaded PTC Resettable Fuse: FRV Series
1. Summary
(a) RoHS Compliant (Lead Free) Product
(b) Applications: Line Voltage Power Supply, Transformer and Appliances
(c) Product Features: Low hold current, Solid state, Radial leaded product ideal for up
to 265VAC/DC
(d) Operation Current: 0.05A~2.00A
(e) Maximum Operating Voltage: 240VAC/DC
(f) Maximum Interrupt Voltage: 265VAC/DC
(g) Temperature Range: FRV005-240F~FRV055-240F -40℃ to 85℃
Temperature Range: FRV075-240F~FRV200-240F -20℃ to 85℃
2. Agency Recognition
UL:
File No. E211981
C-UL:
File No. E211981
TÜV:
File No. R50087018
3. Electrical Characteristics (23℃)
Part
Number
Hold
Current
Trip
Current
Max. Time
to Trip
Max.
Current
Rated
Voltage
Max. Int.
Voltage
Typ.
Power
Resistance
RMIN
R1MAX
IH, A
IT, A
at 5XIH, S
IMAX, A VMAX, VAC/DC VI-MAX, VAC/DC Pd, W Ohm
Ohm
FRV005-240F
0.05
0.12
15.0
1.0
240
265
0.70
18.50
65.00
FRV008-240F
0.08
0.19
15.0
1.2
240
265
0.80
7.40
26.00
FRV012-240F
0.12
0.30
15.0
1.2
240
265
1.00
3.00
12.00
FRV016-240F
0.16
0.37
15.0
2.0
240
265
1.40
2.50
7.80
FRV025-240F
0.25
0.56
18.5
3.5
240
265
1.50
1.30
3.80
FRV033-240F
0.33
0.74
21.0
4.5
240
265
1.70
0.83
2.60
FRV040-240F
0.40
0.90
24.0
5.5
240
265
2.00
0.60
1.90
FRV055-240F
0.55
1.25
26.0
7.0
240
265
3.40
0.45
1.45
FRV075-240F
0.75
1.50
18.0
7.5
240
265
2.60
0.32
0.84
FRV100-240F
1.00
2.00
21.0
10.0
240
265
2.90
0.22
0.58
FRV125-240F
1.25
2.50
23.0
12.5
240
265
3.30
0.17
0.44
FRV150-240F
1.50
3.00
23.0
15.0
240
265
3.70
0.12
0.32
FRV200-240F
2.00
4.00
28.0
20.0
240
265
4.50
0.09
0.22
IH=Hold current-maximum current at which the device will not trip at 23℃ still air.
IT=Trip current-minimum current at which the device will always trip at 23℃ still air.
VMAX=Maximum voltage device can withstand without damage at its rated current.
IMAX= Maximum fault current device can withstand without damage at rated voltage (VMAX).
Pd=Typical power dissipated from device when in tripped state in 23℃ still air environment.
RMIN=Minimum device resistance at 23℃.
R1MAX=Maximum device resistance at 23℃, 1 hour after tripping.
Physical specifications:
Lead material: FRV005-240F~FRV016-240F Tin plated copper clad steel, 24AWG.
Lead material: FRV025-240F~FRV040-240F Tin plated copper, 22AWG.
Lead material: FRV055-240F~FRV200-240F Tin plated copper, 20AWG.
Soldering characteristics: MIL-STD-202, Method 208E.
Insulating coating: Flame retardant epoxy, meets UL-94V-0 requirement.


Similar Part No. - FRV

ManufacturerPart #DatasheetDescription
logo
FLEXTRAL
FRV-1000-AL FLEXTRAL-FRV-1000-AL Datasheet
446Kb / 1P
WA95 Long Length Fast Delivery Hose
V04.21
FRV-1000-AL FLEXTRAL-FRV-1000-AL Datasheet
445Kb / 1P
WA96 HD Long Length Fast Delivery Hose
V04.21
FRV-1200-AL FLEXTRAL-FRV-1200-AL Datasheet
446Kb / 1P
WA95 Long Length Fast Delivery Hose
V04.21
FRV-1200-AL FLEXTRAL-FRV-1200-AL Datasheet
445Kb / 1P
WA96 HD Long Length Fast Delivery Hose
V04.21
FRV-800-AL FLEXTRAL-FRV-800-AL Datasheet
446Kb / 1P
WA95 Long Length Fast Delivery Hose
V04.21
More results

Similar Description - FRV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC36184 ETC1-MC36184 Datasheet
275Kb / 3P
Radial Leaded PTC Resettable Fuse
MC33162 ETC2-MC33162 Datasheet
275Kb / 3P
Radial Leaded PTC Resettable Fuse
MC33158 ETC2-MC33158 Datasheet
275Kb / 3P
Radial Leaded PTC Resettable Fuse
logo
RFE international
FHE RFE-FHE Datasheet
348Kb / 3P
Radial Leaded PTC Resettable Fuse:
2021/04/08
FHT RFE-FHT Datasheet
326Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/04/06
FRHV RFE-FRHV Datasheet
290Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/04/07
FRT RFE-FRT Datasheet
259Kb / 3P
Radial Leaded PTC Resettable Fuse
2021/03/31
FRVL RFE-FRVL Datasheet
293Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/04/06
FRX60 RFE-FRX60 Datasheet
282Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/03/23
FUSB RFE-FUSB Datasheet
260Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/03/29
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com