Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC6202P9 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6202P9
Description  High Voltage positive Voltage Regulators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6202P9 Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6202P9 Datasheet HTML 1Page - Torex Semiconductor XC6202P9 Datasheet HTML 2Page - Torex Semiconductor XC6202P9 Datasheet HTML 3Page - Torex Semiconductor XC6202P9 Datasheet HTML 4Page - Torex Semiconductor XC6202P9 Datasheet HTML 5Page - Torex Semiconductor XC6202P9 Datasheet HTML 6Page - Torex Semiconductor XC6202P9 Datasheet HTML 7Page - Torex Semiconductor XC6202P9 Datasheet HTML 8Page - Torex Semiconductor XC6202P9 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
181
XC6202 ETR0302_001.doc
◆
CMOS Low Power Consumption
◆
Operational Voltage Range : Up to 20V
◆
Dropout Voltage
: 200mV@30mA
670mV@100mA
◆
Maximum Output Current : More Than 150mA
◆
Highly Accurate
: ±2%
◆
Output Voltage Range
: 1.8V ~ 18.0V
◆
Current Limiter Circuit Built-In
◆
SOT-23 / SOT-89 / TO-92 / SOT-223 /
USP-6B Package
◆
Low ESR Capacitors Compatible
■
GENERAL DESCRIPTION
The XC6202 series are highly precise, low power consumption,
high voltage, positive voltage regulators manufactured using
CMOS and laser trimming technologies. The XC6202 consists of
a current limiter circuit, a driver transistor, a precision reference
voltage and an error correction circuit.
Output voltage is selectable in 100mV steps from 1.8V ~ 18V.
The series is also compatible with low ESR ceramic capacitors
which give added output stability.
Since the current limiter circuit is built-in, the IC is protected
against overshoot currents at such times of output shorts etc.
SOT-23 (150mW), SOT-89 (500mW), TO-92 (300mW),
SOT-223 (1200mW) and USP-6B (100mW) packages are
available.
■
APPLICATIONS
●
Battery powered equipment
●
Reference voltage
●
Cameras, video cameras
●
Palmtops
■
TYPICAL APPLICATION CIRCUIT
■
FEATURES
Maximum Output Current : 150mA
Dropout Voltage
: 200mV @ 30mA
Operational Voltage Range : Up to 20V
Output Voltage Range
: 1.8V ~ 18V
(Selectable in 100mV steps)
Highly Accurate
:±2%
Low Power Consumption : 10μA (TYP.) (VOUT=3.3V)
Operational Temperature Range
: -40℃ ~ 85℃
Line Regulation
: 0.01% / V (TYP.)
Ultra Small Packages
: SOT-23 (150mW),
SOT-89 (500mW),
TO-92 (300mW),
SOT-223 (1200mW),
USP-6B (100mW)
Low ESR Capacitor Compatible
: Ceramic capacitor
■
TYPICAL PERFORMANCE
CHARACTERISTICS


Similar Part No. - XC6202P9

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6202P902DB TOREX-XC6202P902DB Datasheet
1Mb / 32P
High Voltage Positive Voltage Regulators
XC6202P902DH TOREX-XC6202P902DH Datasheet
1Mb / 32P
High Voltage Positive Voltage Regulators
XC6202P902DL TOREX-XC6202P902DL Datasheet
1Mb / 32P
High Voltage Positive Voltage Regulators
XC6202P902DR TOREX-XC6202P902DR Datasheet
1Mb / 32P
High Voltage Positive Voltage Regulators
XC6202P902FB TOREX-XC6202P902FB Datasheet
1Mb / 32P
High Voltage Positive Voltage Regulators
More results

Similar Description - XC6202P9

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
POSITIVE VOLTAGE REGULATORS
Jul-2003
logo
Torex Semiconductor
XC6202 TOREX-XC6202 Datasheet
265Kb / 25P
(High Voltage) Positive Voltage Regulators
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
POSITIVE-VOLTAGE REGULATORS
logo
Torex Semiconductor
XC6202_001 TOREX-XC6202_001 Datasheet
1Mb / 32P
High Voltage Positive Voltage Regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
Positive voltage regulators
14-Apr-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com