Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC6202P9 Datasheet(PDF) 15 Page - Torex Semiconductor

Part # XC6202P9
Description  High Voltage positive Voltage Regulators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6202P9 Datasheet(HTML) 15 Page - Torex Semiconductor

Back Button XC6202P9 Datasheet HTML 11Page - Torex Semiconductor XC6202P9 Datasheet HTML 12Page - Torex Semiconductor XC6202P9 Datasheet HTML 13Page - Torex Semiconductor XC6202P9 Datasheet HTML 14Page - Torex Semiconductor XC6202P9 Datasheet HTML 15Page - Torex Semiconductor XC6202P9 Datasheet HTML 16Page - Torex Semiconductor XC6202P9 Datasheet HTML 17Page - Torex Semiconductor XC6202P9 Datasheet HTML 18Page - Torex Semiconductor XC6202P9 Datasheet HTML 19Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
195
XC6202
Series
(8) Input Transient Response 1
(10) Load Transient Response
(9) Input Transient Response 2
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
●
XC6202P182 (Continued)
XC6202P182 (1.8V)
XC6202P182 (1.8V)
XC6202P182 (1.8V)
XC6202P182 (1.8V)
Time (1msec/div)
0.2
0.6
1
1.4
1.8
2.2
0
30
60
90
120
150
Output Current
Output Voltage
30mA
1mA
XC6202P182(1.8V)
VIN=2.8V,tr=tf=5μsec
CIN=CL=1μF(ceramic),Topr=25℃
XC6202P182 (1.8V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com