Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC6202P9 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6202P9
Description  High Voltage positive Voltage Regulators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6202P9 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6202P9 Datasheet HTML 1Page - Torex Semiconductor XC6202P9 Datasheet HTML 2Page - Torex Semiconductor XC6202P9 Datasheet HTML 3Page - Torex Semiconductor XC6202P9 Datasheet HTML 4Page - Torex Semiconductor XC6202P9 Datasheet HTML 5Page - Torex Semiconductor XC6202P9 Datasheet HTML 6Page - Torex Semiconductor XC6202P9 Datasheet HTML 7Page - Torex Semiconductor XC6202P9 Datasheet HTML 8Page - Torex Semiconductor XC6202P9 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
182
XC6202 Series
PIN NUMBER
SOT-23
SOT-89/TO-92/
SOT-223
USP-6B
PIN NAME
FUNCTION
1
1
3
VOUT
Output
3
2
5
VSS
Ground
2
3
1
VIN
Power Input
-
-
2, 4, 6
NC
No connection
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
: For the voltage above 10V, see the example
10=A, 11=B 12=C, 13=D, 14=E, 15=F, 16=G, 17=H, 18=J
e.g. VOUT= 3.0V → ①:3, ②:0
VOUT= 12V → ①:C, ②:0
①②
Output Voltage
18 ~ J0
VOUT= 15V → ①:F, ②:0
③
Accuracy
2
: ±2%
M
: SOT-23
P
: SOT-89
T
: TO-92
F
: SOT-223
④
Package
D
: USP-6B
R
: Embossed tape, standard feed
L
: Embossed tape, reverse feed
H
: Paper Tape (TO-92)
⑤
Device Orientation
B
: Bag (TO-92)
■
PIN CONFIGURATION
■
PIN ASSIGNMENT
*The dissipation pad for the USP-6B
package
should
be
solder-plated
in
recommended mount pattern and metal
masking so as to enhance mounting
strength and heat release.
If the pad needs to be connected to other
pins, it should be connected to the VSS pin.
NC
VSS
NC
VIN
NC
VOUT
USP-6B
(BOTTOM VIEW)
XC6202P①②③④⑤
■
PRODUCT CLASSIFICATION
●
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com