Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB-1SP2T-34 Datasheet(PDF) 1 Page - Mini-Circuits

Part # USB-1SP2T-34
Description  Solid State SP2T Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

USB-1SP2T-34 Datasheet(HTML) 1 Page - Mini-Circuits

  USB-1SP2T-34 Datasheet HTML 1Page - Mini-Circuits USB-1SP2T-34 Datasheet HTML 2Page - Mini-Circuits USB-1SP2T-34 Datasheet HTML 3Page - Mini-Circuits USB-1SP2T-34 Datasheet HTML 4Page - Mini-Circuits USB-1SP2T-34 Datasheet HTML 5Page - Mini-Circuits USB-1SP2T-34 Datasheet HTML 6Page - Mini-Circuits USB-1SP2T-34 Datasheet HTML 7Page - Mini-Circuits USB-1SP2T-34 Datasheet HTML 8Page - Mini-Circuits USB-1SP2T-34 Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Solid State SP2T Switch
USB
USB-1SP2T-34
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
PAGE 1 OF 10
50Ω
0.1 to 30 GHz
THE BIG DEAL
y Super wide bandwidth, solid-state design
y High isolation, 50 dB @ 30 GHz
y USB control and automation
y Daisy-chain control of up to 25 switches
PRODUCT OVERVIEW
Mini-Circuits’ USB-1SP2T-34 is a fast switching solid-state SP2T covering an ultra-wide bandwidth, from 0.1 to 30 GHz. The
solid-state design features an impressive combination of high isolation, low insertion loss and good linearity across the entire
band. The switch is supplied in a low profile package with precision 2.92 mm RF connectors.
The daisy-chain control interface with “dynamic addressing” simplifies control integration, allowing multiple switches to be
combined into a Master / Slave chain. Simply connect, then power on and the whole chain of up to 25 compatible switches can
be controlled independently through a single USB and software interface.
Full software support is provided, including our user-friendly GUI application for Windows and a full API with programming
instructions for Windows and Linux environments (both 32-bit and 64-bit systems).
APPLICATIONS
y RF signal routing / switch matrices
y Satellite communications up to Ka band
y Military radio, radar & electronic warfare
y Microwave radio / cellular infrastructure
y Test & measurement systems
Rev. B
ECO-016633
EDR-11886
USB-1SP2T-34
MCIL
230130
Feature
Advantages
Fast switching sequences
Program automated switching sequences to run with extremely fast transitions and no external
control.
High performance
Solid-state design combining high isolation with low insertion loss from 0.1 to 30 GHz
Dynamic daisy-chain control
Control up to 25 switches through a single USB interface.
USB control
USB HID interface provides easy compatibility with a wide range of software setups and program-
ming environments
Full software support
User friendly Windows GUI (graphical user interface) allows manual control straight out of the box,
while the comprehensive API (application programming interface) with examples and instructions
allows easy automation in most programming environments
KEY FEATURES
Trademarks:
Windows is a registered trademark of Microsoft Corporation in the United States and other countries ; Linux is a registered trademark of Linus Torvalds ; Pentium
is a registered trademark of Intel Corporation. Neither Mini-Circuits nor the Mini-Circuits products are affiliated with or endorsed by the owners of the referenced
trademarks. Mini-Circuits and the Mini-Circuits logo are registered trademarks of Scientific Components Corporation.
Model No.
USB-1SP2T-34
Case Style
NR3244
Connectors
2.92 mm (female)
(Compatiable with SMA and 3.5 mm)
Generic photo used for illustration purposes only
SOFTWARE PACKAGE
DOWNLOAD
Refer to our website for compliance
methodologies and qualifications
Refer to our website for compliance
methodologies and qualifications
Refer to our website for compliance
methodologies and qualifications


Similar Part No. - USB-1SP2T-34

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
USB-1SP2T-673 MINI-USB-1SP2T-673 Datasheet
908Kb / 10P
USB RF SPDT Switch
Rev. OR
More results

Similar Description - USB-1SP2T-34

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS443A ETC-SS443A Datasheet
88Kb / 1P
SOLID STATE SWITCH
SS466A ETC-SS466A Datasheet
85Kb / 1P
SOLID STATE SWITCH
logo
DAICO Industries, Inc.
CSW22223 DAICO-CSW22223 Datasheet
148Kb / 1P
Switch SP2T
CSW26252 DAICO-CSW26252 Datasheet
137Kb / 1P
SWITCH SP2T
CSW29289 DAICO-CSW29289 Datasheet
118Kb / 1P
Switch SP2T
DSW22201 DAICO-DSW22201 Datasheet
163Kb / 1P
Switch SP2T
DSW25112 DAICO-DSW25112 Datasheet
133Kb / 1P
SP2T Switch
DSWA9072 DAICO-DSWA9072 Datasheet
32Kb / 1P
Switch SP2T
logo
List of Unclassifed Man...
VX80 ETC2-VX80 Datasheet
348Kb / 8P
SWITCH - SOLID STATE
logo
Shenzhen Huazhimei Semi...
HM254 HMSEMI-HM254 Datasheet
1Mb / 10P
Solid state switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com