Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB-1SP2T-34 Datasheet(PDF) 5 Page - Mini-Circuits

Part # USB-1SP2T-34
Description  Solid State SP2T Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

USB-1SP2T-34 Datasheet(HTML) 5 Page - Mini-Circuits

  USB-1SP2T-34 Datasheet HTML 1Page - Mini-Circuits USB-1SP2T-34 Datasheet HTML 2Page - Mini-Circuits USB-1SP2T-34 Datasheet HTML 3Page - Mini-Circuits USB-1SP2T-34 Datasheet HTML 4Page - Mini-Circuits USB-1SP2T-34 Datasheet HTML 5Page - Mini-Circuits USB-1SP2T-34 Datasheet HTML 6Page - Mini-Circuits USB-1SP2T-34 Datasheet HTML 7Page - Mini-Circuits USB-1SP2T-34 Datasheet HTML 8Page - Mini-Circuits USB-1SP2T-34 Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Solid State SP2T Switch
USB
USB-1SP2T-34
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
PAGE 5 OF 10
CONNECTING MULTIPLE MODULES (DAISY CHAIN)
The USB-1SP2T-34 model is designed to connect up to 25 modules in series (daisy chain) using dynamic addressing, meaning
there is no need to specifically set the address of the modules. The addresses will be set automatically as part of establishing the
communications with the computer. The module connected to the computer’s USB port will be assigned address 0 (master), the first
module connected to it will get address 1 (slave) and subsequent modules incrementing up to address 24 (slave).
Connections between modules will be made using the serial in/out ports with the module connected to the PC act as a master and all
other as slave modules. All control will be through the master module (address 0) which is the only one communicating with the PC.
Serial control out port of each module should be connected to the serial control in port of the next module.
Power will be supplied from the PC via the master module up to a maximum of 500 mA. Generally, additional power supply will
be needed to keep total current below 500 mA. All power supplies should be connected to the module via the module’s USB port.
Connecting an additional power supply will automatically cut off power draw from the serial control in port for that module.
The serial master/slave bus allows connecting modules of different types to the same daisy chain as long as all support Mini-Circuits
Dynamic addressing setup. To add a new module to the setup, simply connect the module and refresh the address listing, no need
to reset any of the existing modules or assign addresses manually.
Note: Different module types may have different current consumption which will change the number of units which can be connected
before an additional power supply is needed.
USB control
(limited to 500 mA max)
RF Connectors
Module 0
USB
Serial Ctrl In
Serial Ctrl Out
Master
(Additional power supply will
need to be connected to keep
total current below 500 mA.)
RF Connectors
Module 24
USB
Serial Ctrl In
Serial Ctrl Out
Slave 24
RF Connectors
Module 2
USB
Serial Ctrl In
Serial Ctrl Out
Slave 2
RF Connectors
Module 1
USB
Serial Ctrl In
Serial Ctrl Out
Slave 1
Power adaptor



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com