Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISCFM8029 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ISCFM8029
Description  Half Bridge SiC MOSFET Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISCFM8029 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISCFM8029 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISCFM8029 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISCFM8029 Datasheet HTML 3Page - Inchange Semiconductor Company Limited ISCFM8029 Datasheet HTML 4Page - Inchange Semiconductor Company Limited ISCFM8029 Datasheet HTML 5Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ISCFM8029
eq CAS530M12BM3
Half Bridge SiC MOSFET Module
www.iscsemi.com
2
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case(Diode)
0.075
℃
/W
ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0, ID= 0.6mA
1200
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS= 1200V, VGS= 0
-
6
-
uA
IGSS
Gate-Body Leakage Current
VGS= 20V, VDS= 0
-
-
600
nA
VGS(th)
Gate Threshold Voltage
VDS= VGS, ID= 210mA
1.8
2.7
-
V
RDS(on)
Static drain-source
On-state resistance
ID =540A,VGS =+15V,TJ =25°C
-
3.5
-
mΩ
ID =540A,VGS =+15V,TJ =175°C
-
5.0
-
mΩ
ID =540A,VGS =+18V,TJ =25°C
-
2.9
-
mΩ
ID =540A,VGS =+18V,TJ =175°C
-
4.3
-
mΩ
VDS(on)
Static drain-source
On-state Voltage
ID =540A,VGS =+15V,TJ =25°C
-
1.89
-
V
ID =540A,VGS =+15V,TJ =175°C
-
2.70
-
V
ID =540A,VGS =+18V,TJ =25°C
-
1.57
-
V
ID =540A,VGS =+18V,TJ =175°C
-
2.32
-
V
Ciss
Input Capacitance
VD =800V,
VGS =0V,
f =100kHz,
VAC =25mV
-
34.9
-
nF
Coss
Output Capacitance
-
1.07
-
nF
Crss
Reverse Transfer Capacitance
-
86.5
-
pF
Qg
Total Gate Charge
VDD = 800V,
ID = 540A,
VGS = +15/-4V
-
1080
-
nC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com