Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISCFM8029 Datasheet(PDF) 3 Page - Inchange Semiconductor Company Limited

Part # ISCFM8029
Description  Half Bridge SiC MOSFET Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISCFM8029 Datasheet(HTML) 3 Page - Inchange Semiconductor Company Limited

  ISCFM8029 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISCFM8029 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISCFM8029 Datasheet HTML 3Page - Inchange Semiconductor Company Limited ISCFM8029 Datasheet HTML 4Page - Inchange Semiconductor Company Limited ISCFM8029 Datasheet HTML 5Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ISCFM8029
eq CAS530M12BM3
Half Bridge SiC MOSFET Module
www.iscsemi.com
3
td(on)
Turn-on Delay Time
VDD = 600V,
ID = 540A,
RG = 2.2Ω,
VGS = +15/-4V
Inductive load
switching operation
-
78
-
ns
tr
Turn-on Rise Time
-
42
-
td(off)
Turn-off Delay Time
-
173
-
tf
Turn-off Fall Time
-
47
-
Eon
Turn-on power dissipation
-
6.8
-
mJ
Eon
Turn-off power dissipation
-
9.3
-
Drain - Source Body Diode Characteristics
VF
Diode Forward Voltage
IF= 540A, VGS= 0V,TJ= 25°C
-
1.85
-
V
IF= 540A, VGS= 0V,TJ= 150°C
-
2.65
-
trr
Reverse Recovery Time
(Switch side)
VCC =600V, IC =540A
VGE =+15V/-4V
Rgon/Rgoff =2.2Ω/2.2Ω
(FRD side)
Vrr=600V, IF=540A
VGE=+15V/-4V
Inductive load
switching operation
-
28
-
ns
IRM
Peak reverse recovery Current
-
312
-
A
Qrr
Peak reverse recovery Current
-
6.9
-
uC
Err
Reverse recovered energy
-
2.0
-
mJ
MODULE
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Weight
-
-
300
-
g
Mounting torque for module mounting
M6
4
-
6
Nm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com