Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISCFM8029 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # ISCFM8029
Description  Half Bridge SiC MOSFET Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISCFM8029 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  ISCFM8029 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISCFM8029 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISCFM8029 Datasheet HTML 3Page - Inchange Semiconductor Company Limited ISCFM8029 Datasheet HTML 4Page - Inchange Semiconductor Company Limited ISCFM8029 Datasheet HTML 5Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ISCFM8029
eq CAS530M12BM3
Half Bridge SiC MOSFET Module
www.iscsemi.com
1
FEATURES
· 175°C maximum junction temperature
· Zero Reverse Recovery from Diodes
· 62mm half bridge module
APPLICATIONS
· Motor Drives
· Vehicle Fast Chargers
· Renewable energy
· UPS
Absolute Maximum Ratings(TC=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage,G-S Short
1200
V
VGSS
Gate-Source Voltage-Continuous
D-S Short, AC frequency ≥1Hz, Note1
-10 to 22
V
IDS
Drain Current-Continuous
TC =25℃ , VGS =+15V
650
A
IDS
Drain Current-Continuous
TC =90°C , VGS =+15V
500
A
ISD
Source-Drain Current(diode)
TC =25℃, with ON signal
675
A
ISD
Source-Drain Current(diode)
TC =90℃, with ON signal
520
A
PD
Total Dissipation @TC=25℃
2300
W
TJ
Max. Operating Junction Temperature
175
℃
Tstg
Storage Temperature
-40~125
℃
Viso
Isolation Voltage RMS, f =50Hz, t =1min
4000
V


Similar Part No. - ISCFM8029

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCFM8001 ISC-ISCFM8001 Datasheet
804Kb / 8P
All-SiC Power Module
2023-9-4
ISCFM8002 ISC-ISCFM8002 Datasheet
855Kb / 11P
All-SiC Power MODULE
2023-9-2
ISCFM8003 ISC-ISCFM8003 Datasheet
657Kb / 7P
All-SiC Power Module
2023-9-5
ISCFM8014 ISC-ISCFM8014 Datasheet
609Kb / 7P
All-SiC Power Module
ISCFM8017 ISC-ISCFM8017 Datasheet
439Kb / 6P
SiC diodes MOSFET Power Module
More results

Similar Description - ISCFM8029

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4804 MSK-MSK4804_15 Datasheet
840Kb / 7P
SiC HALF BRIDGE
logo
Cree, Inc
CAS120M12BM2 CREE-CAS120M12BM2 Datasheet
1Mb / 9P
Half-Bridge Module
CAS300M12BM2 CREE-CAS300M12BM2_14 Datasheet
1Mb / 9P
Half-Bridge Module
CAS300M17BM2 CREE-CAS300M17BM2 Datasheet
953Kb / 9P
Half-Bridge Module
logo
Anaren Microwave
MSK4804 ANAREN-MSK4804 Datasheet
780Kb / 8P
1200V/100A SiC HALF BRIDGE PEM
logo
ON Semiconductor
NXH006P120MNF2PTG ONSEMI-NXH006P120MNF2PTG Datasheet
2Mb / 10P
F2-Half Bridge SiC MOSFET Module
August 2021 ??Rev. 0
logo
Microchip Technology
MSCSM170HM23CT3AG MICROCHIP-MSCSM170HM23CT3AG Datasheet
780Kb / 17P
Full Bridge SiC MOSFET Power Module
2021
MSCSM170HM45CT3AG MICROCHIP-MSCSM170HM45CT3AG Datasheet
850Kb / 17P
Full Bridge SiC MOSFET Power Module
2021
MSCSM170TAM45CT3AG MICROCHIP-MSCSM170TAM45CT3AG Datasheet
852Kb / 17P
Triple Phase Bridge SiC MOSFET Power Module
2021
logo
Inchange Semiconductor ...
CM300DY-12NF ISC-CM300DY-12NF Datasheet
443Kb / 5P
Half Bridge Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com