Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B2M080120Z Datasheet(PDF) 4 Page - BASIC SEMICONDUCTOR

Part # B2M080120Z
Description  SiC MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

B2M080120Z Datasheet(HTML) 4 Page - BASIC SEMICONDUCTOR

  B2M080120Z Datasheet HTML 1Page - BASIC SEMICONDUCTOR B2M080120Z Datasheet HTML 2Page - BASIC SEMICONDUCTOR B2M080120Z Datasheet HTML 3Page - BASIC SEMICONDUCTOR B2M080120Z Datasheet HTML 4Page - BASIC SEMICONDUCTOR B2M080120Z Datasheet HTML 5Page - BASIC SEMICONDUCTOR B2M080120Z Datasheet HTML 6Page - BASIC SEMICONDUCTOR B2M080120Z Datasheet HTML 7Page - BASIC SEMICONDUCTOR B2M080120Z Datasheet HTML 8Page - BASIC SEMICONDUCTOR B2M080120Z Datasheet HTML 9Page - BASIC SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
2) Note: FWD: Freewheeling diode
SiC MOSFET
4 / 13
www.basicsemi.com
Switching Characteristics
Symbol
Parameter
Test conditions
Value
Unit
Min.
Typ.
Max.
10
18
22
8
260
32
190
34
ns
ns
ns
ns
uJ
uJ
uJ
uJ
Turn-On Delay Time
Rise Time
Turn-Off Delay Time
Fall Time
Turn-On Energy (Body Diode FWD)
Turn-Off Energy (Body Diode FWD)
t
d(on)
t
r
t
d(off)
t
f
E
on
E
off
Turn-On Energy (SiC Diode FWD)
Turn-Off Energy (SiC Diode FWD)
E
on
E
off
V
DC=800V, VGS=-4/18V
I
D=20A, RG(ext)=2.2Ω
L
σ=50nH, Tj=25°C
FWD 2) : body diode at V
GS=-4V
Inductive Load
V
DC=800V, VGS=-4/18V
I
D=20A, RG(ext)=2.2Ω
L
σ=50nH, Tj=175°C
FWD 2) : body diode at V
GS=-4V
Inductive Load
Eon includes diode reverse
recovery
10
21
26
8
400
35
ns
ns
ns
ns
uJ
uJ
Turn-On Delay Time
Rise Time
Turn-Off Delay Time
Fall Time
Turn-On Energy (Body Diode FWD)
Turn-Off Energy (Body Diode FWD)
t
d(on)
t
r
t
d(off)
t
f
E
on
E
off
175
33
uJ
uJ
Turn-On Energy (SiC Diode FWD)
Turn-Off Energy (SiC Diode FWD)
E
on
E
off
Eon includes diode reverse
recovery
V
DC=800V, VGS=-4/18V
I
D=20A, RG(ext)=2.2Ω
L
σ=50nH, Tj=25°C
FWD 2) : B2D10120H1
V
DC=800V, VGS=-4/18V
I
D=20A, RG(ext)=2.2Ω
L
σ=50nH, Tj=175°C
FWD 2) : B2D10120H1
B2M080120Z
Rev. 0.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com