Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B2M080120Z Datasheet(PDF) 8 Page - BASIC SEMICONDUCTOR

Part # B2M080120Z
Description  SiC MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

B2M080120Z Datasheet(HTML) 8 Page - BASIC SEMICONDUCTOR

Back Button B2M080120Z Datasheet HTML 4Page - BASIC SEMICONDUCTOR B2M080120Z Datasheet HTML 5Page - BASIC SEMICONDUCTOR B2M080120Z Datasheet HTML 6Page - BASIC SEMICONDUCTOR B2M080120Z Datasheet HTML 7Page - BASIC SEMICONDUCTOR B2M080120Z Datasheet HTML 8Page - BASIC SEMICONDUCTOR B2M080120Z Datasheet HTML 9Page - BASIC SEMICONDUCTOR B2M080120Z Datasheet HTML 10Page - BASIC SEMICONDUCTOR B2M080120Z Datasheet HTML 11Page - BASIC SEMICONDUCTOR B2M080120Z Datasheet HTML 12Page - BASIC SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
SiC MOSFET
7 / 13
www.basicsemi.com
Typical Performance
Body Diode Characteristics at
T
j=25°C
Body Diode Characteristics at
T
j=175°C
3rd Quadrant Characteristics at
T
j=25°C
3rd Quadrant Characteristics at
T
j=175°C
Figure 9
Figure 10
Figure 12
Figure 11
B2M080120Z
Rev. 0.0
-7
-6
-5
-4
-3
-2
-1
0
-40
-30
-20
-10
0
VGS=-4V
VGS=0V
VDS (V)
VGS=-2V
-7
-6
-5
-4
-3
-2
-1
0
-40
-30
-20
-10
0
VGS=0V
VGS=-2V
VDS (V)
VGS=-4V
-7
-6
-5
-4
-3
-2
-1
0
-40
-30
-20
-10
0
VGS=20V
VGS=18V
VGS=15V
VGS=10V
VDS (V)
VGS=5V
-7
-6
-5
-4
-3
-2
-1
0
-40
-30
-20
-10
0
VGS=20V
VGS=18V
VGS=10V
VDS (V)
VGS=5V
VGS=15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com