Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCE-MND10 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-MND10
Description  Environmental Meter (Badge Type) PCE-MND 10
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-MND10 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-MND10 Datasheet HTML 1Page - PCE Instruments. PCE-MND10 Datasheet HTML 2Page - PCE Instruments. PCE-MND10 Datasheet HTML 3Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
Measuring range
70 … 140 dB (A, C)
90 … 140 dB (Z)
Measuring range (peak value)
103 … 143 dB PEAK
Resolution
0.1 dB
Accuracy
class 2
Frequency range
31.5 Hz … 8 kHz
Frequency weightings
A, C and Z
Time weighting
fast, slow, impulse
Adjustable level increase
3, 4, 5, 6 dB
Threshold adjustment range
70 … 90 dB
Threshold resolution
1 dB
Adjustment range of the criterion level 70 … 90 dB
Resolution of the criterion level
1 dB
Display if the ambient condition is too
loud   
>115 dB
Memory
30 measurement runs with total
 
 6101 measuring points
Timer
16 timers for an automatic
 
data logging and 99 timers
Warm-up time
10 seconds after power on
Microphone
1/2 inch electret condenser
Display
128 x 64 pixel LC display
For applications according to the
standard
IEC 61252:2002, ANSI S1.25-1991
Number of virtual dosimeters
3
 
 
Dosimeter standards
OSHA-80, OSHA-90, MSHA-80, MSHA-90,
DOD,
 
ACGIH, ISO-85, ISO-90, NR-15, NHO-01
 
In addition, up to 9 individual
 
standards can be stored
 
 
Measurement parameters for all
DOSE (Dose), PDOSE (Pdos), TWA (Twa),
virtual dosimeter
PTWA (PTwa), LAVG (Lavg), LEPd (Lepd),
 
PLEPd (PLepd), Exceed time
 
(Las>105 or Las >115), LEQ
 
(Laeq, Lceq, Lzeq), SEL (LaE, LCE or LZE),
 
SEpa2h (Ea, Ec, Ez), PEAK (Pka, Pkc or Pkz),
 
LEX8H (Lex8h), PLEX8H (PLex8h),
 
EXPHrs (Exph), EXPsec (Exps), NEN
 
 
Additional measurement parameters
MAX/MIN, L05, L10, L50,
for the first virtual dosimeter
L90 and L95 at a 20 ms interval
 
and a difference of 0.1 dB,
 
LAEQ05, LAEQ10, LAEQ50, LAEQ90,
 
LAEQ95 at a 1 s interval
 
and a difference of 0.1 dB
 
 
More information
More product info
Similar products



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com