Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCE-MND10 Datasheet(PDF) 3 Page - PCE Instruments.

Part # PCE-MND10
Description  Environmental Meter (Badge Type) PCE-MND 10
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-MND10 Datasheet(HTML) 3 Page - PCE Instruments.

  PCE-MND10 Datasheet HTML 1Page - PCE Instruments. PCE-MND10 Datasheet HTML 2Page - PCE Instruments. PCE-MND10 Datasheet HTML 3Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Interface
USB interface on the charging station
Power supply (battery)
3.7 V, 470 mAh, lithium polymer battery
Power supply (mains adapter)
primary: 100 ... 240 V AC, 50 ... 60 Hz, 0.7
A
 
secondary: 9 V DC, 2 A
Operating time
>15 hours at 23 °C / 73 °F
Operating conditions
0 … 50 °C (32 … 122 °F), 10 … 95 % RH,
 
non-condensing
Storage conditions
-10 … +60 °C (14 … 140 °F), 10 … 75 % RH,
 
non-condensing
Dimensions
84 x 49 x 55 mm / 3.3 x 1.9 x 2.2 inch
Weight
77 g / 2.7 oz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com