Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCE-MND10 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-MND10
Description  Environmental Meter (Badge Type) PCE-MND 10
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-MND10 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-MND10 Datasheet HTML 1Page - PCE Instruments. PCE-MND10 Datasheet HTML 2Page - PCE Instruments. PCE-MND10 Datasheet HTML 3Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Environmental Meter (Badge Type) PCE-MND 10
Environmental meter (badge type) according to IEC 61252:2002 / Measuring range 70 ... 140 dB / Crocodile clips / For use in
occupational safety / Battery life >15 hours / USB interface / Key lock / Frequency weighting A, B and Z / Optional with ISO
calibration certificate
The environmental meter (badge type) was specially developed for measuring noise exposure in workplaces and complies with the IEC
61252:2002 standard. With a measuring range of 70 … 140 dB and a frequency weighting of A, B and Z, the noise dose meter is ideal for this.
The time weighting on the noise dose meter can be selected between fast, slow and impulse. With the built-in 470 mAh battery, the noise dose
meter has a runtime of >15 hours.
Up to three virtual noise dose meters can be set in an environmental meter (badge type). This has the advantage that up to three measurement
standards can measure simultaneously. The display of the noise dose meter shows up to 14 measurement windows that can be set individually.
The data transfer from the environmental meter (badge type) to a PC takes place directly via the charging station. The recorded measurement
data can be read out and analyzed with the software for the noise dose meter. In addition, all settings for the noise dose meter can be made
via the software. Another special feature of the noise dose meter is that the charging stations can be coupled with each other. This has the
advantage that several noise dose meters can be charged via one power pack. Up to four noise dose meters can be charged simultaneously
per power supply.
For optimal support and positioning, the environmental meter (badge type) is attached to the work clothing of the respective employee with
two crocodile clips. The distance between hearing and the noise dose meter should be between 10 and 15 cm (3.9 and 5.9").
Frequency weighting A, B and Z
Battery life of >15 hours
Software for setting the parameters
Measuring range 70 ... 140 dB
IEC 61252:2002, ANSI S1.25-1991
Optional with ISO calibration certificate


Similar Part No. - PCE-MND10

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-MA100 PCE-PCE-MA100 Datasheet
503Kb / 2P
Laboratory Balance PCE-MA 100
PCE-MA110 PCE-PCE-MA110 Datasheet
568Kb / 2P
Analytical Balance PCE-MA 110
PCE-MA200 PCE-PCE-MA200 Datasheet
505Kb / 2P
Analytical Balance PCE-MA 200
PCE-MA202 PCE-PCE-MA202 Datasheet
592Kb / 2P
Analytical Balance PCE-MA 202
PCE-MAM2 PCE-PCE-MAM2 Datasheet
361Kb / 2P
Environmental Meter PCE-MAM 2
More results

Similar Description - PCE-MND10

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS7-11D FUJI-EDS7-11D Datasheet
97Kb / 4P
IMMERSION TYPE LEVEL METER
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
Extech Instruments Corp...
45170 EXTECH-45170_15 Datasheet
116Kb / 1P
Environmental Meter
45170CM EXTECH-45170CM Datasheet
506Kb / 1P
45170CM 5-in-1 Environmental Meter with CFM/CMM
EN300 EXTECH-EN300 Datasheet
146Kb / 1P
Environmental Meter
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-CT5000H PCE-PCE-CT5000H Datasheet
368Kb / 2P
Thickness Gauge PCE-CT 5000H
PCE-GM60P PCE-PCE-GM60P Datasheet
310Kb / 2P
Gloss Meter PCE-GM 60Plus
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com