Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W39V080FAPZ Datasheet(PDF) 34 Page - Winbond

Part # W39V080FAPZ
Description  1M 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W39V080FAPZ Datasheet(HTML) 34 Page - Winbond

Back Button W39V080FAPZ Datasheet HTML 27Page - Winbond W39V080FAPZ Datasheet HTML 28Page - Winbond W39V080FAPZ Datasheet HTML 29Page - Winbond W39V080FAPZ Datasheet HTML 30Page - Winbond W39V080FAPZ Datasheet HTML 31Page - Winbond W39V080FAPZ Datasheet HTML 32Page - Winbond W39V080FAPZ Datasheet HTML 33Page - Winbond W39V080FAPZ Datasheet HTML 34Page - Winbond W39V080FAPZ Datasheet HTML 35Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
W39V080FA
- 34 -
Package Dimensions, continued
14.3 40L TSOP (10 mm x 20 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com