Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W39V080FAPZ Datasheet(PDF) 8 Page - Winbond

Part # W39V080FAPZ
Description  1M 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W39V080FAPZ Datasheet(HTML) 8 Page - Winbond

Back Button W39V080FAPZ Datasheet HTML 4Page - Winbond W39V080FAPZ Datasheet HTML 5Page - Winbond W39V080FAPZ Datasheet HTML 6Page - Winbond W39V080FAPZ Datasheet HTML 7Page - Winbond W39V080FAPZ Datasheet HTML 8Page - Winbond W39V080FAPZ Datasheet HTML 9Page - Winbond W39V080FAPZ Datasheet HTML 10Page - Winbond W39V080FAPZ Datasheet HTML 11Page - Winbond W39V080FAPZ Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
W39V080FA
- 8 -
After an erase command sequence is written, if all sectors selected for erasing are protected, DQ6
toggles for about 100
μS, and then returns to reading array data. If not all selected sectors are
protected, the Embedded Erase algorithm erases the unprotected sectors, and ignores the selected
sectors which are protected.
The system can use DQ6 to determine whether a sector is actively erasing. If the device is actively
erasing (i.e., the Embedded Erase algorithm is in progress), DQ6 toggles. If a program address falls
within a protected sector, DQ6 toggles for about 1
μs after the program command sequence is written,
and then returns to reading array data.
6.10.4 DQ5: Exceeded Timing Limits
DQ5 indicates whether the program or erase time has exceeded a specified internal pulse count limit.
DQ5 produces “1” under these conditions which indicates that the program or erase cycle was not
successfully completed.
The device may output “1” on DQ5 if the system tries to program “1” to a location that was previously
programmed to “0.” Only the erase operation can change “0” back to “1.” Under this condition, the
device stops the operation, and while the timing limit has been exceeded, DQ5 produces “1.”
Under both these conditions, the system must hardware reset to return to the read mode.
6.11 Identification Input pin ID[3:0]
These pins are part of mechanism that allows multiple parts to be used on the same bus. The boot
device should be 0000b. And all the subsequent parts should use the up-count strapping.
6.12 Register
There are three kinds of registers on this device, the General Purpose Input Registers, the Block Lock
Control Registers and Product Identification Registers. Users can access these registers through
respective address in the 4Gbytes memory map. There are detail descriptions in the sections below.
6.12.1 General Purpose Inputs Register
This register reads the FGPI[4:0] pins on the W39V080FA.This is a pass-through register which can
read via memory address FFBC0100(hex). Since it is pass-through register, there is no default value.
GPI Register Table
BIT
FUNCTION
7
− 5
Reserved
4
Read FGPI4 pin status
3
Read FGPI3 pin status
2
Read FGPI2 pin status
1
Read FGPI1 pin status
0
Read FGPI0 pin status
6.12.2 Block Locking Registers
This part provides 16 even 64Kbytes blocks, and each block can be locked by register control. These
control registers can be set or clear through memory address. Below is the detail description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com