Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W39V080FAPZ Datasheet(PDF) 20 Page - Winbond

Part # W39V080FAPZ
Description  1M 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W39V080FAPZ Datasheet(HTML) 20 Page - Winbond

Back Button W39V080FAPZ Datasheet HTML 16Page - Winbond W39V080FAPZ Datasheet HTML 17Page - Winbond W39V080FAPZ Datasheet HTML 18Page - Winbond W39V080FAPZ Datasheet HTML 19Page - Winbond W39V080FAPZ Datasheet HTML 20Page - Winbond W39V080FAPZ Datasheet HTML 21Page - Winbond W39V080FAPZ Datasheet HTML 22Page - Winbond W39V080FAPZ Datasheet HTML 23Page - Winbond W39V080FAPZ Datasheet HTML 24Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
W39V080FA
- 20 -
8. PROGRAMMER INTERFACE MODE AC CHARACTERISTICS
8.1 AC Test Conditions
PARAMETER
CONDITIONS
Input Pulse Levels
0V to 0.9 VDD
Input Rise/Fall Time
< 5 nS
Input/Output Timing Level
1.5V/1.5V
Output Load
1 TTL Gate and CL = 30 pF
8.2 AC Test Load and Waveform
+3.3V
1.8K
1.3K
DOUT
Ω
Ω
30 pF
(Including Jig and
Scope)
Input
0.9VDD
0V
Test Point
Test Point
1.5V
1.5V
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com