Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF2116AU/10 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF2116AU/10
Description  LCD controller/drivers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2116AU/10 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF2116AU/10 Datasheet HTML 1Page - NXP Semiconductors PCF2116AU/10 Datasheet HTML 2Page - NXP Semiconductors PCF2116AU/10 Datasheet HTML 3Page - NXP Semiconductors PCF2116AU/10 Datasheet HTML 4Page - NXP Semiconductors PCF2116AU/10 Datasheet HTML 5Page - NXP Semiconductors PCF2116AU/10 Datasheet HTML 6Page - NXP Semiconductors PCF2116AU/10 Datasheet HTML 7Page - NXP Semiconductors PCF2116AU/10 Datasheet HTML 8Page - NXP Semiconductors PCF2116AU/10 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
1997 Apr 07
5
Philips Semiconductors
Product specification
LCD controller/drivers
PCF2116 family
6
PINNING
SYMBOL
LQFP128
FFC PAD
TYPE
DESCRIPTION
R31
1
27
O
LCD row driver output
n.c.
2 and 3
−−
not connected
R32
4
28
O
LCD row driver output
C60 to C30
5 to 35
29 to 59
O
LCD column driver outputs 60 to 30
n.c.
36 and 37
−−
not connected
C29 to C2
38 to 65
60 to 87
O
LCD column driver outputs 29 to 2
n.c.
66 and 67
−−
not connected
C1
68
88
O
LCD column driver output 1
R24 to R17
69 to 76
89 to 96
O
LCD row driver outputs
R8 to R1
77 to 84
97 to 104
O
LCD row driver outputs
n.c.
85 and 86
−−
not connected
DB7
87
105
I/O
1 bit of 8-bit bidirectional data bus
SCL
88
106
I
I2C-bus serial clock input
DB6
89
107
I/O
1 bit of 8-bit bidirectional data bus
SDA
90
108
I/O
I2C-bus serial data input/output
DB5
91
109
I/O
1 bit of 8-bit bidirectional data bus
V0
92
110
I
control input for VLCD
VLCD1
93
111
I/O
LCD supply voltage input/output 1
DB4
94
112
I/O
1 bit of 8-bit bidirectional data bus
VLCD2
95
113
I/O
LCD supply voltage input/output 2
DB3
96
114
I/O
1 bit of 8-bit bidirectional data bus
VLCD3
97
115
I/O
LCD supply voltage input/output 3
DB2
98
116
I/O
1 bit of 8-bit bidirectional data bus
n.c.
99 to 101
−−
not connected
OSC
102
1
I
oscillator/external clock input
DB1
103
2
I/O
1 bit of 8-bit bidirectional data bus
VDD2
104
3
P
supply voltage 2
DB0
105
4
I/O
1 bit of 8-bit bidirectional data bus
VDD1
106
5
P
supply voltage 1
SA0
107
6
I
I2C-bus address pin
E
108
7
I
data bus clock input (parallel control)
VSS1
109
8
P
ground (logic) 1
R/W
110
9
I
read/write input (parallel control)
T1
111
10
I
test pad (connect to VSS)
VSS2
112
11
P
ground (logic) 2
RS
113
12
I
register select input (parallel control)
n.c.
114
−−
not connected
R9 to R16
115 to 122
13 to 20
O
LCD row driver outputs
R25 to R30
123 to 128
21 to 26
O
LCD row driver outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com