Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF2116AU/10 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # PCF2116AU/10
Description  LCD controller/drivers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2116AU/10 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button PCF2116AU/10 Datasheet HTML 34Page - NXP Semiconductors PCF2116AU/10 Datasheet HTML 35Page - NXP Semiconductors PCF2116AU/10 Datasheet HTML 36Page - NXP Semiconductors PCF2116AU/10 Datasheet HTML 37Page - NXP Semiconductors PCF2116AU/10 Datasheet HTML 38Page - NXP Semiconductors PCF2116AU/10 Datasheet HTML 39Page - NXP Semiconductors PCF2116AU/10 Datasheet HTML 40Page - NXP Semiconductors PCF2116AU/10 Datasheet HTML 41Page - NXP Semiconductors PCF2116AU/10 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
1997 Apr 07
38
Philips Semiconductors
Product specification
LCD controller/drivers
PCF2116 family
16 AC CHARACTERISTICS
VDD = 2.5 to 6.0 V; VSS =0V; VLCD =VDD − 3.5VtoVDD − 9 V; Tamb = −40 °C to +85 °C; unless otherwise specified.
Notes
1. VDD =5V.
2. All timing values are valid within the operating supply voltage and ambient temperature range and are referenced to
VIL and VIH with an input voltage swing of VSS to VDD.
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
fFR
LCD frame frequency (internal clock); note 1
40
65
100
Hz
fosc
external clock frequency
90
150
225
kHz
Bus timing characteristics: Parallel Interface; notes 1 and 2
WRITE OPERATION (WRITING DATA FROM MICROCONTROLLER TO PCF2116)
Tcy
enable cycle time
500
−−
ns
PWEH
enable pulse width
220
−−
ns
tASU
address set-up time
50
−−
ns
tAH
address hold time
25
−−
ns
tDSW
data set-up time
60
−−
ns
tHD
data hold time
25
−−
ns
READ OPERATION (READING DATA FROM PCF2116 TO MICROCONTROLLER)
Tcy
enable cycle time
500
−−
ns
PWEH
enable pulse width
220
−−
ns
tASU
address set-up time
50
−−
ns
tAH
address hold time
25
−−
ns
tDHD
data delay time
−−
150
ns
tHD
data hold time
20
−
100
ns
Timing characteristics: I2C-bus interface; note 2
fSCL
SCL clock frequency
−−
100
kHz
tSW
tolerable spike width on bus
−−
100
ns
tBUF
bus free time
4.7
−−µs
tSU;STA
set-up time for a repeated START condition
4.7
−−µs
tHD;STA
START condition hold time
4
−−µs
tLOW
SCL LOW time
4.7
−−µs
tHIGH
SCL HIGH time
4
−−µs
tr
SCL and SDA rise time
−−
1
µs
tf
SCL and SDA fall time
−−
0.3
µs
tSU;DAT
data set-up time
250
−−
ns
tHD;DAT
data hold time
0
−−
ns
tSU;STO
set-up time for STOP condition
4
−−µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com