Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF2116AU/10 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # PCF2116AU/10
Description  LCD controller/drivers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2116AU/10 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button PCF2116AU/10 Datasheet HTML 32Page - NXP Semiconductors PCF2116AU/10 Datasheet HTML 33Page - NXP Semiconductors PCF2116AU/10 Datasheet HTML 34Page - NXP Semiconductors PCF2116AU/10 Datasheet HTML 35Page - NXP Semiconductors PCF2116AU/10 Datasheet HTML 36Page - NXP Semiconductors PCF2116AU/10 Datasheet HTML 37Page - NXP Semiconductors PCF2116AU/10 Datasheet HTML 38Page - NXP Semiconductors PCF2116AU/10 Datasheet HTML 39Page - NXP Semiconductors PCF2116AU/10 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
1997 Apr 07
36
Philips Semiconductors
Product specification
LCD controller/drivers
PCF2116 family
14 DC CHARACTERISTICS
VDD = 2.5 to 6 V; VSS =0V; VLCD =VDD − 3.5 to VDD − 9 V; Tamb = −40 °C to +85 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VDD
supply voltage
2.5
−
6.0
V
VLCD
LCD supply voltage
VDD − 9
−
VDD − 3.5
V
IDD
supply current external VLCD
note 1
IDD1
supply current 1
−
200
500
µA
IDD2
supply current 2
VDD =5V; VOP =9V;
fosc = 150 kHz;
Tamb =25 °C
−
200
300
µA
IDD3
supply current 3
VDD =3V; VOP =5V;
fosc = 150 kHz;
Tamb =25 °C
−
150
200
µA
IDD
supply current internal VLCD
notes 1, 2 and 8
IDD4
supply current 4
−
700
1100
µA
IDD5
supply current 5
VDD =5V; VOP =9V;
fosc = 150 kHz;
Tamb =25 °C
−
600
900
µA
IDD6
supply current 6
VDD =3V; VOP =5V;
fosc = 150 kHz;
Tamb =25 °C
−
500
800
µA
ILCD
VLCD input current
notes 1 and 7
−
50
100
µA
VPOR
power-on reset voltage level
note 3
−
1.3
1.8
V
Logic
VIL1
LOW level input voltage E, RS,
R/W, DB0 to DB7 and SA0
VSS
−
0.3VDD
V
VIH1
HIGH level input voltage E, RS,
R/W, DB0 to DB7 and SA0
0.7VDD
−
VDD
V
VIL(osc)
LOW level input voltage OSC
VSS
−
VDD − 1.5
V
VIH(osc)
HIGH level input voltage OSC
VDD − 0.1
−
VDD
V
VIL(V0)
LOW level input voltage V0
VSS
−
VDD − 0.5
V
VIH(V0)
HIGH level input voltage V0
VDD − 0.05 −
VDD
V
Ipu
pull-up current at DB0 to DB7
VI =VSS
0.04
0.15
1.00
µA
IOL(DB)
LOW level output current
DB0 to DB7
VOL = 0.4 V; VDD = 5 V 1.6
−−
mA
IOH(DB)
HIGH level output current
DB0 to DB7
VOH =4V; VDD =5V
−1.0
−−
mA
IL1
leakage current OSC, V0, E, RS,
R/W, DB0 to DB7 and SA0
VI =VDD or VSS
−1
−
+1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com