Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B37923K5040C7 Datasheet(PDF) 13 Page - EPCOS

Part # B37923K5040C7
Description  Ultra-low ESR and high Q factor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37923K5040C7 Datasheet(HTML) 13 Page - EPCOS

Back Button B37923K5040C7 Datasheet HTML 6Page - EPCOS B37923K5040C7 Datasheet HTML 7Page - EPCOS B37923K5040C7 Datasheet HTML 8Page - EPCOS B37923K5040C7 Datasheet HTML 9Page - EPCOS B37923K5040C7 Datasheet HTML 10Page - EPCOS B37923K5040C7 Datasheet HTML 11Page - EPCOS B37923K5040C7 Datasheet HTML 12Page - EPCOS B37923K5040C7 Datasheet HTML 13Page - EPCOS B37923K5040C7 Datasheet HTML 14Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Multilayer Ceramic Capacitors
130 10/02
HQF
Typical characteristics for chip size 0603
Q factor versus
capacitance C
Q factor versus
frequency f
KKE0472-8
C
pF
10
10 0
10 1
10 2
100 MHz
1
_
4
10
Q
10 3
10 2
10 1
1 GHz
3 GHz
300 MHz
KKE0476-6
f
MHz
10 2
Q
10 3
10 4
0,4 pF
3,3 pF
27 pF
12 pF
_
10
1
0
10
2
1
10
10
3
10
4
10
HQF; 0603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com