Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B37923K5040C7 Datasheet(PDF) 3 Page - EPCOS

Part # B37923K5040C7
Description  Ultra-low ESR and high Q factor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37923K5040C7 Datasheet(HTML) 3 Page - EPCOS

  B37923K5040C7 Datasheet HTML 1Page - EPCOS B37923K5040C7 Datasheet HTML 2Page - EPCOS B37923K5040C7 Datasheet HTML 3Page - EPCOS B37923K5040C7 Datasheet HTML 4Page - EPCOS B37923K5040C7 Datasheet HTML 5Page - EPCOS B37923K5040C7 Datasheet HTML 6Page - EPCOS B37923K5040C7 Datasheet HTML 7Page - EPCOS B37923K5040C7 Datasheet HTML 8Page - EPCOS B37923K5040C7 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Multilayer Ceramic Capacitors
120 10/02
HQF
Capacitance tolerances
Dimensional drawing
Dimensions (mm)
Tolerances to CECC 32101-801
CR
CR £ 3,9 pF
4,7 pF
£ CR £ 8,2 pF
Code letter
B
(standard)
CB
C
(standard)
D
Tolerance
±0,1 pF
±0,25 pF
±0,1 pF
±0,25 pF
±0,5 pF
CR
CR ³ 10 pF
Code letter
F
G
J
(standard)
K
Tolerance
±1%
±2%
±5%
±10 %
Case size
(inch)
(mm)
0402
1005
0603
1608
l
1,0
± 0,1
1,6
± 0,15
b
0,5
± 0,05
0,8
± 0,1
s
0,5
± 0,05
0,8
± 0,1
k
0,1 – 0,4
0,1 – 0,4
KKE0272-V
kk
b
KKE0329-N
k
b
k
HQF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com