Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B37923K5040C7 Datasheet(PDF) 5 Page - EPCOS

Part # B37923K5040C7
Description  Ultra-low ESR and high Q factor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37923K5040C7 Datasheet(HTML) 5 Page - EPCOS

  B37923K5040C7 Datasheet HTML 1Page - EPCOS B37923K5040C7 Datasheet HTML 2Page - EPCOS B37923K5040C7 Datasheet HTML 3Page - EPCOS B37923K5040C7 Datasheet HTML 4Page - EPCOS B37923K5040C7 Datasheet HTML 5Page - EPCOS B37923K5040C7 Datasheet HTML 6Page - EPCOS B37923K5040C7 Datasheet HTML 7Page - EPCOS B37923K5040C7 Datasheet HTML 8Page - EPCOS B37923K5040C7 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Multilayer Ceramic Capacitors
122 10/02
HQF
Product range chip capacitors
HQF
Size1)
inch
mm
0402
1005
0603
1608
Type
B37923
B37933
50
50
0,3 pF
0,4 pF
0,5 pF
0,6 pF
0,7 pF
0,8 pF
0,9 pF
1,0 pF
1,2 pF
1,5 pF
1,8 pF
2,2 pF
2,7 pF
3,3 pF
3,9 pF
4,7 pF
5,6 pF
6,8 pF
8,2 pF
10, pF
12, pF
15, pF
18, pF
22, pF
27, pF
82, pF
1) l
´ b (inch) / l ´ b (mm)
VR (VDC)
CR
HQF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com