Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMR30-TC1-1-DC4-R-C Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # DMR30-TC1-1-DC4-R-C
Description  Thermocouple Temperature Meter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMR30-TC1-1-DC4-R-C Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  DMR30-TC1-1-DC4-R-C Datasheet HTML 1Page - Murata Power Solutions Inc. DMR30-TC1-1-DC4-R-C Datasheet HTML 2Page - Murata Power Solutions Inc. DMR30-TC1-1-DC4-R-C Datasheet HTML 3Page - Murata Power Solutions Inc. DMR30-TC1-1-DC4-R-C Datasheet HTML 4Page - Murata Power Solutions Inc. DMR30-TC1-1-DC4-R-C Datasheet HTML 5Page - Murata Power Solutions Inc. DMR30-TC1-1-DC4-R-C Datasheet HTML 6Page - Murata Power Solutions Inc. DMR30-TC1-1-DC4-R-C Datasheet HTML 7Page - Murata Power Solutions Inc. DMR30-TC1-1-DC4-R-C Datasheet HTML 8Page - Murata Power Solutions Inc. DMR30-TC1-1-DC4-R-C Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DMR30-TC1 Series
Thermocouple Temperature Meter
DMR30-TC1.A01 Page 2 of 10
https://www.murata-ps.com/support
MEASUREMENT PERFORMANCE
Min.
Typ.
Max.
Units
Supported Thermocouple Types
J, K, E, T
Meter Measurement Range:
J type thermocouple
-200
1900
°C
(note 1)
K type thermocouple
-270
1370
°C
E type thermocouple
-270
1000
°C
T type thermocouple
-270
400
°C
Meter Measurement Accuracy:
J type thermocouple (-200°C to +600°C)
±2
°C
(notes 2,3,4)
K type thermocouple (-25°C to +1200°C)
±2
°C
E type thermocouple (-25°C to +700°C)
±2
°C
T type thermocouple (-200 °C to +200°C)
±2
°C
Notes:
1)
Measurement range is defined by range of internal measurement system and linearization tables and will generally exceed the recommended application temperature range for
a given thermocouple type.
2)
Meter Accuracy is the meter’s contribution to the measurement error. Variation in thermocouple sensors used with the meter may significantly increase the total system
measurement error.
3)
Typical accuracy with meter at 25 °C.
4)
Characterized against calibrated thermocouple simulator.
POWER SUPPLY CHARACTERISTICS.
Min.
Typ.
Max.
Units
Operating Supply Voltage
9
32
VDC
Absolute Maximum Supply Voltage
-1
35
VDC
Operating Supply Current
12V operation
24V operation
-
40
25
-
mA
USER INTERFACE
Display Type and Size
5 Digit Alphanumeric LED, 11.4mm (0.45in) Height
3 LED Annunciators (‘Alarm’,’Max’,’Min’)
User Controls
Four capacitive touch sensors
<UP> <DOWN> <LEFT> <RIGHT>
Measurement Units
°C, °F, °K , user selectable
Display Modes
Current Temp (Normal), Max Temp, Min Temp,
Over-range Indication
Flashing Value
Open-Thermocouple Indication
Flashing ‘OPEN’ prompt
Display Update Rate
2.5 updates/sec.
Decimal Point Selection
Automatically Set
Main Menu Password
<RIGHT> <UP> <RIGHT> <UP> <RIGHT>
RELAY OUTPUT
Min.
Typ.
Max.
Units
‘Off’-state voltage (measured across REALYA to RELAYB) terminals
-40
+40
V
‘On’-state current
-250
+250
mA
‘On’ state resistance
1
Ω
TERMINAL BLOCKS (TB1, TB2, TB3)
Wire Size
14-24 AWG
Insulation Strip Length
6mm (0.24 in.)
Screw Tightening Torque
0.4 N-m (3.5 lb-in)
PHYSICAL/ENVIRONMENTAL
Min.
Typ.
Max.
Units
Operating Temperature
0
+50
⁰C
Storage Temperature
-40
+75
⁰C
Humidity (non-condensing)
0
85
%
Dimensions
See Mechanical Specifications Drawing
Weight
64g (2.2 oz.)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com