Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMR30-TC1-1-DC4-R-C Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # DMR30-TC1-1-DC4-R-C
Description  Thermocouple Temperature Meter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMR30-TC1-1-DC4-R-C Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  DMR30-TC1-1-DC4-R-C Datasheet HTML 1Page - Murata Power Solutions Inc. DMR30-TC1-1-DC4-R-C Datasheet HTML 2Page - Murata Power Solutions Inc. DMR30-TC1-1-DC4-R-C Datasheet HTML 3Page - Murata Power Solutions Inc. DMR30-TC1-1-DC4-R-C Datasheet HTML 4Page - Murata Power Solutions Inc. DMR30-TC1-1-DC4-R-C Datasheet HTML 5Page - Murata Power Solutions Inc. DMR30-TC1-1-DC4-R-C Datasheet HTML 6Page - Murata Power Solutions Inc. DMR30-TC1-1-DC4-R-C Datasheet HTML 7Page - Murata Power Solutions Inc. DMR30-TC1-1-DC4-R-C Datasheet HTML 8Page - Murata Power Solutions Inc. DMR30-TC1-1-DC4-R-C Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DMR30-TC1 Series
Thermocouple Temperature Meter
DMR30-TC1.A01 Page 3 of 10
https://www.murata-ps.com/support
OPERATION:
Measurement Type and Capabilities
DMR30-TC1 series temperature meters employ precision ADCs and a low-power microcontroller to measure and display temperature. Accurate
linear measurement, over a wide temperature range relies on internal compensation tables to precisely convert measured thermocouple voltage
to temperature. See additional details. Further enhancement is made possible by adapting ‘cold-junction’ compensation, whereby the
thermocouple terminal block temperature is measured by a sensor located on the PCB near the connector.
FRONT PANEL & FRONT PANEL LAYOUT AND FUNCTION
1.
Annunciator LEDs: This cluster of 4 LEDs is used to
indicate various meter states, such the status of the
alarm relay, measurement modes, and units.
2.
Display: This is a 5-character + sign alphanumeric LED
display is used to indicate measurements, informational
prompts, and meter setup parameter values.
3. T
ouch-Sensor Control Buttons: Four capacitive touch-
sensors are provided to support meter control and
configuration. These four buttons will be referred to in
this document as <UP>, <DOWN>, <LEFT>, and
<RIGHT> reflecting their printed arrow directions.
Default Measurement Mode
DMR30-TC1 meters normally operate in ‘measurement mode’, in which the meter displays the current value of the measured temperature. If the
measured input value falls outside of the meter’s acceptable measurement range, either over-range or under-range, the display will flash.
If the meter’s alarm functions are enabled, the ALARM annunciator is lit whenever the alarm relay is activated (closed).
Alternate Measurement Modes
In addition to displaying the current value of the measurement, the meter can also display historical high and low values. To perform these
operations, the meter offers a number of alternate measurement modes:
1. In MAX mode, the meter displays the highest value which has been measured since the last time the user pressed the <LEFT> button
(RESET). MAX mode is active when the MAX LED is illuminated.
2. In MIN mode, the meter displays the lowest value which has been measured since the last time the user pressed <LEFT> button
(RESET). MIN mode is active when the MIN LED is illuminated.
These alternate measurement modes may be selected by repeatedly pressing the <DOWN> button until the desired mode LED is illuminated. The
alternate modes may be disabled by repeatedly pressing the <DOWN> button until all mode LEDs are off and the meter is returned to normal
operating in which it will display the current measurement.
Access to the alternate measurement modes may be disabled by setting the MODES setting to OFF using the configuration menu. If alternate
modes are disabled, then pressing either the <DOWN> or <LEFT> buttons will result in an ‘ERROR’ message being briefly displayed before
resuming normal operation.
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com