Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W9N150V Datasheet(PDF) 3 Page - STMicroelectronics

Part # W9N150V
Description  N-channel 1500V - 2.2Ω - 8A - TO-247 Very high voltage PowerMESH??Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

W9N150V Datasheet(HTML) 3 Page - STMicroelectronics

  W9N150V Datasheet HTML 1Page - STMicroelectronics W9N150V Datasheet HTML 2Page - STMicroelectronics W9N150V Datasheet HTML 3Page - STMicroelectronics W9N150V Datasheet HTML 4Page - STMicroelectronics W9N150V Datasheet HTML 5Page - STMicroelectronics W9N150V Datasheet HTML 6Page - STMicroelectronics W9N150V Datasheet HTML 7Page - STMicroelectronics W9N150V Datasheet HTML 8Page - STMicroelectronics W9N150V Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STW9N150
Electrical characteristics
3/9
2
Electrical characteristics
(Tcase =25°C unless otherwise specified)
Table 4.
On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 1mA, VGS = 0
1500
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = Max rating
VDS = Max rating, TC=125°C
10
500
µA
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 30V
± 100
nA
VGS(th)
Gate threshold voltage VDS = VGS, ID = 250µA
3
4
5
V
RDS(on
Static drain-source on
resistance
VGS = 10V, ID = 1.3A
2.2
2.7
Ω
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5%
Forward
transconductance
VDS = 30V, ID = 2A
Tbd
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 25 V, f = 1 MHz, VGS = 0
3600
280
35
pF
pF
pF
Rg
Gate input resistance
f=1MHz Gate DC Bias=0
Test signal level=20mV
open drain
2
Ω
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 600V, ID = 2.5A,
VGS = 10V
(see Figure 2)
90
Tbd
Tbd
nC
nC
nC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com