Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W9N150V Datasheet(PDF) 4 Page - STMicroelectronics

Part # W9N150V
Description  N-channel 1500V - 2.2Ω - 8A - TO-247 Very high voltage PowerMESH??Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

W9N150V Datasheet(HTML) 4 Page - STMicroelectronics

  W9N150V Datasheet HTML 1Page - STMicroelectronics W9N150V Datasheet HTML 2Page - STMicroelectronics W9N150V Datasheet HTML 3Page - STMicroelectronics W9N150V Datasheet HTML 4Page - STMicroelectronics W9N150V Datasheet HTML 5Page - STMicroelectronics W9N150V Datasheet HTML 6Page - STMicroelectronics W9N150V Datasheet HTML 7Page - STMicroelectronics W9N150V Datasheet HTML 8Page - STMicroelectronics W9N150V Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Electrical characteristics
STW9N150
4/9
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off-delay time
Fall time
VDD = 750V, ID = 2A,
RG = 4.7Ω, VGS = 10V
(see Figure 1)
Tbd
Tbd
Tbd
Tbd
ns
ns
ns
ns
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
ISD
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current
Source-drain current (pulsed)
8
32
A
A
VSD
(2)
2.
Pulsed: pulse duration = 300µs, duty cycle 1.5%
Forward on voltage
ISD = 4A, VGS = 0
Tbd
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 4A, di/dt = 100A/µs
VDD= 45V Tj = 25°C
(see Figure 3)
Tbd
Tbd
Tbd
ns
µC
A
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 4A, di/dt = 100A/µs
VDD= 45V Tj = 150°C
(see Figure 3)
Tbd
Tbd
Tbd
ns
µC
A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com