Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56362 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # DSP56362
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button DSP56362 Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 36Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 37Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 152 page
background image
Reset, Stop, Mode Select, and Interrupt Timing
DSP56362 Technical Data, Rev. 4
3-8
Freescale Semiconductor
19 Delay from address output valid caused by first interrupt
instruction execute to interrupt request deassertion for
level sensitive fast interrupts6
(3.75 + WS)
× T
C –
10.94
—Note7
—Note 7
ns
20 Delay from RD assertion to interrupt request
deassertion for level sensitive fast interrupts6
(3.25 + WS)
× T
C –
10.94
—
Note 7
—
Note 7
21 Delay from WR assertion to interrupt request
deassertion for level sensitive fast interrupts6 8
• DRAM for all WS
• SRAM WS =1
•SRAM WS=2, 3
•SRAM WS
≥ 4
(WS + 3.5)
× T
C –
10.94
(WS + 3.5)
× T
C –
10.94
1.75
× T
C – 4.0
2.75
× T
C – 4.0
—
—
—
—
Note 7
Note 7
Note 7
Note 7
—
—
—
—
Note 7
Note 7
Note 7
Note 7
ns
ns
ns
ns
22 Synchronous interrupt setup time from IRQA, IRQB,
IRQC, IRQD, NMI assertion to the CLKOUT Transition 2
0.6
× T
C – 0.1
5.9
4.9
—
ns
23 Synchronous interrupt delay time from the CLKOUT
Transition 2 to the first external address output valid
caused by the first instruction fetch after coming out of
Wait Processing state
• Minimum
•Maximum
9.25
× T
C + 1.0
24.75
× T
C + 5.0
93.5
—
—
252.5
78.1
—
—
211.2
ns
ns
24 Duration for IRQA assertion to recover from Stop state
0.6
× T
C − 0.1
5.9
—
4.9
—
ns
25 Delay from IRQA assertion to fetch of first instruction
(when exiting Stop)9, 3
• PLL is not active during Stop (PCTL Bit 17 = 0) and
Stop delay is enabled (OMR Bit 6 = 0)
• PLL is not active during Stop (PCTL Bit 17 = 0) and
Stop delay is not enabled (OMR Bit 6 = 1)
• PLL is active during Stop (PCTL Bit 17 = 1) (Implies
No Stop Delay)
PLC
× ET
C × PDF +
(128 K
− PLC/2) × T
C
PLC
× ET
C × PDF +
(23.75
± 0.5) × T
C
(8.25
± 0.5) × T
C
1.3
232.5 ns
77.5
13.6
12.3 ms
87.5
—
—
64.6
—
—
72.9
ms
ns
26 Duration of level sensitive IRQA assertion to ensure
interrupt service (when exiting Stop)9, 3
• PLL is not active during Stop (PCTL Bit 17 = 0) and
Stop delay is enabled (OMR Bit 6 = 0)
• PLL is not active during Stop (PCTL Bit 17 = 0) and
Stop delay is not enabled (OMR Bit 6 = 1)
• PLL is active during Stop (PCTL Bit 17 = 1) (implies
no Stop delay)
PLC
× ET
C × PDF +
(128K
− PLC/2) × T
C
PLC
× ET
C × PDF +
(20.5
± 0.5) × T
C
5.5
× T
C
13.6
12.3
55.0
—
—
—45.8
—
ms
ms
ns
Table 3-7 Reset, Stop, Mode Select, and Interrupt Timing 100 and 120 MHz Values1 (continued)
No
Characteristics
Expression2
100 MHz
120 MHz
Unit
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com