Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56362 Datasheet(PDF) 95 Page - Freescale Semiconductor, Inc

Part # DSP56362
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362 Datasheet(HTML) 95 Page - Freescale Semiconductor, Inc

Back Button DSP56362 Datasheet HTML 91Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 92Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 93Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 94Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 95Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 96Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 97Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 98Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 99Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 152 page
background image
GPIO Timing
DSP56362 Technical Data, Rev. 4
Freescale Semiconductor
3-69
Figure 3-47 External Pulse Generation
3.17
GPIO Timing
Table 3-27 GPIO Timing1
1 V
CC = 3.3 V ± 0.16 V; TJ = 0°C to +100°C, CL = 50 pF
No.
Characteristics
Expression
100 MHz
Unit
Min
Max
490
CLKOUT edge to GPIO out valid (GPIO out delay time)
—31.0
ns
491
CLKOUT edge to GPIO out not valid (GPIO out hold time)
3.0
—
ns
492
GPIO In valid to CLKOUT edge (GPIO in set-up time)
12.0
—
ns
493
CLKOUT edge to GPIO in not valid (GPIO in hold time)
0.0
—
ns
494
Fetch to CLKOUT edge before GPIO change
6.75
× T
C
67.5
—
ns
495
GPIO out rise time
—
—
13
ns
496
GPIO out fall time
—
—
13
ns
CLKOUT
TIO (Output)
484
485
AA0494



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com