Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56362 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # DSP56362
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button DSP56362 Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 152 page
background image
Host Interface (HDI08)
DSP56362 Technical Data, Rev. 4
2-12
Freescale Semiconductor
HCS
HA10
PB13
Input
Input
Input, Output, or
Disconnected
GPIO Disconnected Host Chip Select—When HDI08 is programmed to interface a
nonmultiplexed host bus and the HI function is selected, this
signal is the host chip select (HCS) input. The polarity of the chip
select is programmable, but is configured active-low (HCS) after
reset.
Host Address 10—When HDI08 is programmed to interface a
multiplexed host bus and the HI function is selected, this signal
is line 10 of the host address (HA10) input bus.
Port B 13—When the HDI08 is configured as GPIO, this signal
is individually programmed as input, output, or internally
disconnected.
The default state after reset for this signal is GPIO disconnected.
This input is 5 V tolerant.
Table 2-9 Host Interface (continued)
Signal Name
Type
State during Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com