Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56374PB/D Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # DSP56374PB/D
Description  a high-density CMOS device
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56374PB/D Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button DSP56374PB/D Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56374PB/D Datasheet HTML 46Page - Freescale Semiconductor, Inc DSP56374PB/D Datasheet HTML 47Page - Freescale Semiconductor, Inc DSP56374PB/D Datasheet HTML 48Page - Freescale Semiconductor, Inc DSP56374PB/D Datasheet HTML 49Page - Freescale Semiconductor, Inc DSP56374PB/D Datasheet HTML 50Page - Freescale Semiconductor, Inc DSP56374PB/D Datasheet HTML 51Page - Freescale Semiconductor, Inc DSP56374PB/D Datasheet HTML 52Page - Freescale Semiconductor, Inc DSP56374PB/D Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
Timer Timing
DSP56374 Data Sheet, Rev. 4.2
Freescale Semiconductor
49
Figure 14. ESAI HCKT Timing
Figure 15. ESAI HCKR Timing
17
Timer Timing
Figure 16. TIO Timer Event Input Restrictions
Table 25. Timer Timing
No.
Characteristics
Expression
150 MHz
Unit
Min
Max
98
TIO Low
2
× TC + 2.0
15.4
—
ns
99
TIO High
2
× TC + 2.0
15.4
—
ns
Note: VCORE_VDD = 1.25 V ± 0.05 V; TJ = -40°C to 110°C (52 LQFP) / -40°C to 105°C (80 LQFP), CL = 50 pF
HCKT
SCKT (output)
96
95
Note: Figure 14 is drawn assuming positive polarity high frequency clock (THCKP=0) and positive bit clock polarity (TCKP=0).
HCKR
SCKR (output)
97
95
Note: Figure 15 is drawn assuming positive polarity high frequency clock (RHCKP=0) and positive bit clock polarity (RCKP=0).
TIO
99
98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com