Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56374PB/D Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # DSP56374PB/D
Description  a high-density CMOS device
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56374PB/D Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button DSP56374PB/D Datasheet HTML 2Page - Freescale Semiconductor, Inc DSP56374PB/D Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56374PB/D Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56374PB/D Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56374PB/D Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56374PB/D Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56374PB/D Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56374PB/D Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56374PB/D Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
DSP56374 Data Sheet, Rev. 4.2
Signal Groupings
Freescale Semiconductor
6
4.1
Power
4.2
Ground
Dedicated GPIO
Port G3
15
Table 12
Timer
3
Table 13
JTAG/OnCE Port
4
Table 14
Note:
1 Pins are not 5 V. tolerant unless noted.
2 Port H signals are the GPIO port signals which are multiplexed with the MOD and HREQ signals.
3 Port G signals are the dedicated GPIO port signals.
4 Port C signals are the GPIO port signals which are multiplexed with the ESAI signals.
5 Port E signals are the GPIO port signals which are multiplexed with the ESAI_1 signals.
Table 4. Power Inputs
Power Name
Description
PLLA_VDD (1)
PLL Power— The voltage (3.3 V) should be well-regulated and the input should be provided with
an extremely low impedance path to the 3.3 VDD power rail. The user must provide adequate
external decoupling capacitors between PLLA_VDD and PLLA_GND. PLLA_VDD requires a filter
as shown in Figure 1 and Figure 2 below. See the DSP56374 technical data sheet for additional
details.
PLLP_VDD(1)
PLL Power— The voltage (3.3 V) should be well-regulated and the input should be provided with
an extremely low impedance path to the 3.3 VDD power rail. The user must provide adequate
external decoupling capacitors between PLLP_VDD and PLLP_GND.
PLLD_VDD (1)
PLL Power— The voltage (1.25 V) should be well-regulated and the input should be provided with
an extremely low impedance path to the 1.25 VDD power rail. The user must provide adequate
external decoupling capacitors between PLLD_VDD and PLLD_GND.
CORE_VDD (4)
Core Power—The voltage (1.25 V) should be well-regulated and the input should be provided with
an extremely low impedance path to the 1.25 VDD power rail. The user must provide adequate
external decoupling capacitors.
IO_VDD
(80-pin 4)
(52-pin 3)
SHI, ESAI, ESAI_1, WDT and Timer I/O Power —The voltage (3.3 V) should be well-regulated,
and the input should be provided with an extremely low impedance path to the 3.3 VDD power rail.
This is an isolated power for the SHI, ESAI, ESAI_1, WDT and Timer I/O. The user must provide
adequate external decoupling capacitors.
Table 5. Grounds
Ground Name
Description
PLLA_GND(1)
PLL Ground—The PLL ground should be provided with an extremely low-impedance path to
ground. This connection must be tied externally to all other chip ground connections. The user
must provide adequate external decoupling capacitors between PLLA_VDD and PLLA_GND.
Table 3. DSP56374 Functional Signal Groupings (continued)
Functional Group
Number of
Signals1
Detailed
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com