Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56374PB/D Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # DSP56374PB/D
Description  a high-density CMOS device
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56374PB/D Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button DSP56374PB/D Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56374PB/D Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56374PB/D Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56374PB/D Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56374PB/D Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56374PB/D Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56374PB/D Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56374PB/D Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56374PB/D Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
Signal Groupings
DSP56374 Data Sheet, Rev. 4.2
Freescale Semiconductor
7
4.3
SCAN
4.4
Clock and PLL
PLLP_GND(1)
PLL Ground—The PLL ground should be provided with an extremely low-impedance path to
ground. This connection must be tied externally to all other chip ground connections. The user
must provide adequate external decoupling capacitors between PLLP_VDD and PLLP_GND.
PLLD_GND(1)
PLL Ground—The PLL ground should be provided with an extremely low-impedance path to
ground. This connection must be tied externally to all other chip ground connections. The user
must provide adequate external decoupling capacitors between PLLD_VDD and PLLD_GND.
CORE_GND(4)
Core Ground—The Core ground should be provided with an extremely low-impedance path to
ground. This connection must be tied externally to all other chip ground connections. The user
must provide adequate external decoupling capacitors.
IO_GND(2)
SHI, ESAI, ESAI_1, WDT and Timer I/O Ground—IO_GND is the ground for the SHI, ESAI,
ESAI_1, WDT and Timer I/O. This connection must be tied externally to all other chip ground
connections. The user must provide adequate external decoupling capacitors.
Table 6. SCAN Signals
Signal
Name
Type
State
During
Reset
Signal Description
SCAN
Input
Input
SCAN—Manufacturing test pin. This pin must be connected to ground.
Table 7. Clock and PLL Signals
Signal
Name
Type
State
during
Reset
Signal Description
EXTAL
Input
Input
External Clock / Crystal Input—An external clock source must be connected
to EXTAL in order to supply the clock to the internal clock generator and PLL.
XTAL
Output
Chip Driven Crystal Output—Connects the internal Crystal Oscillator output to an external
crystal. If an external clock is used, leave XTAL unconnected.
PINIT/NMI
Input
Input
PLL Initial/Nonmaskable Interrupt—During assertion of RESET, the value of
PINIT/NMI is written into the PLL Enable (PEN) bit of the PLL control register,
determining whether the PLL is enabled or disabled. After RESET
de-assertion and during normal instruction processing, the PINIT/NMI
Schmitt-trigger input is a negative-edge-triggered nonmaskable interrupt
(NMI) request internally synchronized to the internal system clock.
This pin has an internal pull up resistor.
This input is 5 V tolerant.
Table 5. Grounds (continued)
Ground Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com